Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 176Page - Microchip Technology PIC18F44J10 Datasheet HTML 177Page - Microchip Technology PIC18F44J10 Datasheet HTML 178Page - Microchip Technology PIC18F44J10 Datasheet HTML 179Page - Microchip Technology PIC18F44J10 Datasheet HTML 180Page - Microchip Technology PIC18F44J10 Datasheet HTML 181Page - Microchip Technology PIC18F44J10 Datasheet HTML 182Page - Microchip Technology PIC18F44J10 Datasheet HTML 183Page - Microchip Technology PIC18F44J10 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 178
© 2009 Microchip Technology Inc.
16.4.7
BAUD RATE
In I2C Master mode, the Baud Rate Generator (BRG)
reload value is placed in the lower 7 bits of the
SSPxADD register (Figure 16-17). When a write
occurs to SSPxBUF, the Baud Rate Generator will
automatically begin counting. The BRG counts down to
‘0’ and stops until another reload has taken place. The
BRG count is decremented twice per instruction cycle
(TCY) on the Q2 and Q4 clocks. In I2C Master mode, the
BRG is reloaded automatically.
Once the given operation is complete (i.e., transmis-
sion of the last data bit is followed by ACK), the internal
clock will automatically stop counting and the SCLx pin
will remain in its last state.
Table 16-3 demonstrates clock rates based on
instruction cycles and the BRG value loaded into
SSPxADD.
16.4.7.1
Baud Rate and Module
Interdependence
Because MSSP1 and MSSP2 are independent, they
can operate simultaneously in I2C Master mode at
different baud rates. This is done by using different
BRG reload values for each module.
Because this mode derives its basic clock source from
the system clock, any changes to the clock will affect
both modules in the same proportion. It may be pos-
sible to change one or both baud rates back to a
previous value by changing the BRG reload value.
FIGURE 16-17:
BAUD RATE GENERATOR BLOCK DIAGRAM
TABLE 16-3:
I2C™ CLOCK RATE w/BRG
SSPM<3:0>
BRG Down Counter
CLKO
FOSC/4
SSPxADD<6:0>
SSPM<3:0>
SCLx
Reload
Control
Reload
FCY
FCY * 2
BRG Value
FSCL
(2 Rollovers of BRG)
10 MHz
20 MHz
18h
400 kHz(1)
10 MHz
20 MHz
1Fh
312.5 kHz
10 MHz
20 MHz
63h
100 kHz
4 MHz
8 MHz
09h
400 kHz(1)
4 MHz
8 MHz
0Ch
308 kHz
4 MHz
8 MHz
27h
100 kHz
1 MHz
2 MHz
02h
333 kHz(1)
1 MHz
2 MHz
09h
100 kHz
1 MHz
2 MHz
00h
1 MHz(1)
Note 1:
The I2C™ interface does not conform to the 400 kHz I2C specification (which applies to rates greater than
100 kHz) in all details, but may be used with care where higher rates are required by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com