Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 177Page - Microchip Technology PIC18F44J10 Datasheet HTML 178Page - Microchip Technology PIC18F44J10 Datasheet HTML 179Page - Microchip Technology PIC18F44J10 Datasheet HTML 180Page - Microchip Technology PIC18F44J10 Datasheet HTML 181Page - Microchip Technology PIC18F44J10 Datasheet HTML 182Page - Microchip Technology PIC18F44J10 Datasheet HTML 183Page - Microchip Technology PIC18F44J10 Datasheet HTML 184Page - Microchip Technology PIC18F44J10 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 179
PIC18F45J10 FAMILY
16.4.7.2
Clock Arbitration
Clock arbitration occurs when the master, during any
receive, transmit or Repeated Start/Stop condition,
deasserts the SCLx pin (SCLx allowed to float high).
When the SCLx pin is allowed to float high, the Baud
Rate Generator (BRG) is suspended from counting
until the SCLx pin is actually sampled high. When the
SCLx pin is sampled high, the Baud Rate Generator is
reloaded with the contents of SSPxADD<6:0> and
begins counting. This ensures that the SCLx high time
will always be at least one BRG rollover count in the
event that the clock is held low by an external device
(Figure 16-18).
FIGURE 16-18:
BAUD RATE GENERATOR TIMING WITH CLOCK ARBITRATION
SDAx
SCLx
SCLx deasserted but slave holds
DX – 1
DX
BRG
SCLx is sampled high, reload takes
place and BRG starts its count
03h
02h
01h
00h (hold off)
03h
02h
Reload
BRG
Value
SCLx low (clock arbitration)
SCLx allowed to transition high
BRG decrements on
Q2 and Q4 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com