Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
21
The method for obtaining max current is as follows:
1. Measure worst case power consumption on individual rails using directed test on i.MX35.
2. Correlate worst case power consumption power measurements with worst case power
consumption simulations.
3. Combine common voltage rails based on power supply sequencing requirements
4. Guard band worst case numbers for temperature and process variation. Guard band is based on
process data and correlated with actual data measured on i.MX35.
5. The sum of individual rails is greater than real world power consumption, as a real system does
not typically maximize power consumption on all peripherals simultaneously.
4.6
Thermal Characteristics
The thermal resistance characteristics for the device are given in Table 12. These values were measured
under the following conditions:
•
Two-layer substrate
•
Substrate solder mask thickness: 0.025 mm
•
Substrate metal thicknesses: 0.016 mm
•
Substrate core thickness: 0.200 mm
•
Core via I.D: 0.168 mm, Core via plating 0.016 mm.
•
Full array map design, but nearly all balls under die are power or ground.
•
Die Attach: 0.033 mm non-conductive die attach, k = 0.3 W/m K
•
Mold compound: k = 0.9 W/m K
Table 11. Power Consumption
Power Supply
Voltage (V)
Max Current (mA)
QVCC
1.47
400
MVDD, PVDD
1.65
20
NVCC_EMI1, NVCC_EMI2, NVCC_EMI3, NVCC_LCDC, NVCC_NFC
1.9
90
FUSE_VDD (This rail is typically tied to ground; it only needs a voltage if system
fuse burning is needed)
3.6
62
NVCC_MISC, NVCC_CSI, NVCC_SDIO, NVCC_CRM, NVCC_ATA, NVCC_MLB,
NVCC_JTAG
3.6
60
OSC24M_VDD, OSC_AUDIO_VDD, PHY1_VDDA, PHY2_VDD,
USBPHY1_UPLLVDD, USBPHY1_VDDA_BIAS
3.6
25
Table 12. Thermal Resistance Data
Rating
Condition
Symbol
Value
Unit
Junction to ambient1 natural convection
Single layer board (1s)
ReJA
53
ºC/W
Junction to ambient1 natural convection
Four layer board (2s2p)
ReJA
30
ºC/W
Junction to ambient1 (at 200 ft/min)
Single layer board (1s)
ReJMA
44
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com