Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  IMX35 Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MCIMX35SR2AEC
Rev. 6, 10/2009
© Freescale Semiconductor, Inc., 2008, 2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
IMX35
Package Information
Plastic package
Case 5284 17 x 17 mm, 0.8 mm Pitch
Ordering Information
See Table 1 on page 3 for ordering information.
1
Introduction
The i.MX35 Auto Application Processor family is
designed for automotive infotainment and
navigation applications. These processors are
AECQ100 Grade 3 qualified and rated for ambient
operating temperatures up to 85
°C.
The i.MX35 multimedia applications processor
represents the next step in low-power,
high-performance application processors.
Based on an ARM11 microprocessor core running
at up to 532 MHz, the device offers the following
features and optimized system cost for the target
applications.
•
Audio connectivity and telematics:
— Compressed audio playback from
storage devices (CD, USB, HDD or SD
card)
— PlayFromDevice (1-wire and 2-wire
support) for portable media players
i.MX35 Applications
Processors for
Automotive Products
Silicon Revisions 2.0 and 2.1
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 3
1.3
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Functional Description and Application Information . . . . . 5
2.1
Application Processor Domain Overview. . . . . . . . . 5
2.2
Shared Domain Overview . . . . . . . . . . . . . . . . . . . . 6
2.3
Advanced Power Management Overview . . . . . . . . 6
2.4
ARM11 Microprocessor Core . . . . . . . . . . . . . . . . . 6
2.5
Module Inventory . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3
Signal Descriptions: Special Function Related Pins . . . . 12
4
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.1
i.MX35 Chip-Level Conditions . . . . . . . . . . . . . . . . 13
4.2
Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.3
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
4.4
Reset Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
4.5
Power Characteristics . . . . . . . . . . . . . . . . . . . . . . 19
4.6
Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . 20
4.7
I/O Pin DC Electrical Characteristics . . . . . . . . . . . 22
4.8
I/O Pin AC Electrical Characteristics . . . . . . . . . . . 25
4.9
Module-Level AC Electrical Specifications. . . . . . . 31
5
Package Information and Pinout . . . . . . . . . . . . . . . . . . 132
5.1
MAPBGA Production Package 1568-01, 17
× 17 mm,
0.8 Pitch. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
5.2
MAPBGA Signal Assignments. . . . . . . . . . . . . . . 134
6
Product Documentation. . . . . . . . . . . . . . . . . . . . . . . . . 147
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147


Similar Part No. - IMX35

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
35 Watt DC-DC Converters
logo
Freescale Semiconductor...
IMX35 FREESCALE-IMX35 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
35 Watt Quad-Output DC-DC Converter
logo
Sony Corporation
IMX350 SONY-IMX350 Datasheet
127Kb / 2P
Diagonal 6.475 mm (Type 1/2.78) 20Mega-Pixel CMOS Image Sensor with Square Pixel for Color Cameras
logo
Freescale Semiconductor...
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
More results

Similar Description - IMX35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
logo
NXP Semiconductors
MCIMX35SR2AEC NXP-MCIMX35SR2AEC Datasheet
1Mb / 147P
i.MX35 Applications Processors for Automotive Products
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com