Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
53
NOTE
The clock will continue to run unless both CKEs are low. Then the clock
will be stopped in low state.
Figure 31. DDR2 SDRAM Basic Timing Parameters
Table 36. SDRAM Self-Refresh Cycle Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Unit
SD16
CKE output delay time
tCKS
1.8
—
ns
Table 37. DDR2 SDRAM Timing Parameter Table
ID
PARAMETER
Symbol
DDR2-400
Unit
Min
Max
DDR1
SDRAM clock high-level width
tCH
0.45
0.55
tCK
DDR2
SDRAM clock low-level width
tCL
0.45
0.55
tCK
DDR3
SDRAM clock cycle time
tCK
7.0
8.0
ns
DDR4
CS, RAS, CAS, CKE, WE setup time
tIS1
0.35
—
ns
SDCLK
WE
ADDR
ROW/BA
COL/BA
CS
CAS
RAS
DDR1
DDR3
DDR2
DDR4
DDR4
DDR4
DDR5
DDR5
DDR5
DDR5
DDR6
DDR7
SDCLK
CKE
DDR4
DDR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com