Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
13
3
Signal Descriptions: Special Function Related Pins
Some special functional requirements are supported in the device. The details about these special functions
and the corresponding pin names are listed in Table 5.
USBOH
High-speed
USB on-the-go
SDMA
Connectivity
peripherals
The USB module provides high performance USB on-the-go (OTG)
functionality (up to 480 Mbps), compliant with the USB 2.0
specification, the OTG supplement, and the ULPI 1.0 low pin count
specification. The module has DMA capabilities handling data
transfer between internal buffers and system memory.
WDOG
Watchdog
modules
ARM
Timer
peripherals
Each module protects against system failures by providing a method
of escaping from unexpected events or programming errors. Once
activated, the timer must be serviced by software on a periodic
basis. If servicing does not take place, the watchdog times out and
then either asserts a system reset signal or an interrupt request
signal, depending on the software configuration.
1 ARM = ARM1136 platform, SDMA = SDMA platform
Table 5. Special Function Related Pins
Function Name
Pin Name
Mux Mode
Detailed Description
External ARM Clock
EXT_ARMCLK
ALT0
External clock input for ARM clock.
External Peripheral Clock
I2C1_CLK
ALT6
External peripheral clock source.
External 32-kHz Clock
CAPTURE
ALT4
External clock input of 32 kHz, used when the internal
24M Oscillator is powered off, which could be
configured either from CAPTURE or CSPI1_SS1.
CSPI1_SS1
ALT2
Clock Out
CLKO
ALT0
Clock-out pin from CCM, clock source is controllable
and can also be used for debug.
Power Ready
GPIO1_0
ALT1
PMIC power-ready signal, which can be configured
either from GPIO1_0 or TX1.
TX1
ALT1
Tamper Detect
GPIO1_1
ALT6
Tamper-detect logic is used to issue a security
violation. This logic is activated if the tamper-detect
input is asserted. Tamper-detect logic is enabled by the
bit of IOMUXC_GPRA[2]. After enabling the logic, it is
impossible to disable it until the next reset.
Table 4. Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Domain1
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com