Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
63
Figure 39. eSDHCv2 Timing
Table 44. eSDHCv2 Interface Timing Specification
ID
Parameter
Symbols Min. Max.
Unit
Card Input Clock
SD1 Clock frequency (Low Speed)
fPP
1
1 In low-speed mode, the card clock must be lower than 400 kHz, voltage ranges from 2.7 to 3.6 V.
0
400
kHz
Clock frequency (SD/SDIO Full Speed/High Speed)
fPP
2
2 In normal-speed mode for the SD/SDIO card, clock frequency can be any value between 0–25 MHz. In high-speed mode,
clock frequency can be any value between 0–50 MHz.
025/50 MHz
Clock frequency (MMC Full Speed/High Speed)
fPP
3
3 In normal-speed mode for MMC card, clock frequency can be any value between 0 and 20 MHz. In high-speed mode, clock
frequency can be any value between 0–52 MHz.
020/52 MHz
Clock frequency (Identification Mode)
fOD
100
400
kHz
SD2 Clock Low time
tWL
7—
ns
SD3 Clock high time
tWH
7—
ns
SD4 Clock rise time
tTLH
—3
ns
SD5 Clock fall time
tTHL
—3
ns
eSDHC Output/Card Inputs CMD, DAT (Reference to CLK)
SD6 eSDHC output delay
tOD
–3
3
ns
eSDHC Input/Card Outputs CMD, DAT (Reference to CLK)
SD7 eSDHC input setup time
tISU
5—
ns
SD8 eSDHC input hold time
tIH
4
4 To satisfy hold timing, the delay difference between clock input and cmd/data input must not exceed 2 ns.
2.5
—
ns
SD1
SD3
SD5
SD4
SD7
SDHCx_CMD
output from eSDHCv2 to card
SDHCx_DAT_1
SDHCx_DAT_7
SDHCx_DAT_0
output from card to eSDHCv2
SDHCx_CLK
SD2
SD8
SD6
SDHCx_CMD
SDHCx_DAT_1
SDHCx_DAT_7
SDHCx_DAT_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com