Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 85Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 86Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 87Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 89Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 90Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
89
IP35 Controls setup time for write
Tdcsw
Tdicuw – 1.5
Tdicuw
—
ns
IP36 Controls hold time for write
Tdchw
Tdicpw – Tdicdw – 1.5
Tdicpw – Tdicdw
—
ns
IP37 Slave device data delay8
Tracc
0
—
Tdrp9 –Tlbd10 –Tdicur –
1.5
ns
IP38 Slave device data hold time8
Troh
Tdrp–Tlbd– Tdicdr
+1.5
—
Tdicpr – Tdicdr – 1.5
ns
IP39 Write data setup time
Tds
Tdicdw – 1.5
Tdicdw
—
ns
IP40 Write data hold time
Tdh
Tdicpw – Tdicdw – 1.5
Tdicpw – Tdicdw
—
ns
IP41 Read period2
Tdicpr
Tdicpr – 1.5
Tdicpr
Tdicpr + 1.5
ns
IP42 Write period3
Tdicpw Tdicpw – 1.5
Tdicpw
Tdicpw + 1.5
ns
IP43 Read down time4
Tdicdr
Tdicdr – 1.5
Tdicdr
Tdicdr + 1.5
ns
IP44 Read up time5
Tdicur
Tdicur – 1.5
Tdicur
Tdicur + 1.5
ns
IP45 Write down time6
Tdicdw Tdicdw – 1.5
Tdicdw
Tdicdw + 1.5
ns
IP46 Write up time7
Tdicuw Tdicuw – 1.5
Tdicuw
Tdicuw + 1.5
ns
IP47 Read time point9
Tdrp
Tdrp – 1.5
Tdrp
Tdrp + 1.5
ns
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be device-specific.
2 Display interface clock period value for read:
3 Display interface clock period value for write:
4 Display interface clock down time for read:
5 Display interface clock up time for read:
6 Display interface clock down time for write:
7 Display interface clock up time for write:
8 This parameter is a requirement to the display connected to the IPU
Table 55. Asynchronous Parallel Interface Timing Parameters—Access Level (continued)
ID
Parameter
Symbol
Min.
Typ.1
Max.
Units
Tdicpr
T
HSP_CLK
cei l
⋅
DISP#_IF_CLK_PER_RD
HSP_CLK_PERIOD
----------------------------------------------------------------
=
Tdicpw
T
HSP_CLK
ceil
⋅
DISP#_IF_CLK_PER_WR
HSP_CLK_PERIOD
------------------------------------------------------------------
=
Tdicdr
1
2
---T
HSP_CLK
cei l
2 DISP#_IF_CLK_DOWN_RD
⋅
HSP_CLK_PERIOD
-------------------------------------------------------------------------------
⋅
=
Tdicur
1
2
---T
HSP_CLK
ce il
2 DISP#_IF_CLK_UP_RD
⋅
HSP_CLK_PERIOD
--------------------------------------------------------------------
⋅
=
Tdicdw
1
2
---T
HSP_CLK
ceil
2 DISP#_IF_CLK_DOWN_WR
⋅
HSP_CLK_PERIOD
---------------------------------------------------------------------------------
⋅
=
Tdi cuw
1
2
---T
HSP_CLK
cei l
2 DISP#_IF_CLK_UP_WR
⋅
HSP_CLK_PERIOD
----------------------------------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com