Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 87Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 89Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 90Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
91
Figure 63. 3-Wire Serial Interface Timing Diagram
Figure 64 depicts timing of the 4-wire serial interface. For this interface, there are separate input and output
data lines both inside and outside the device.
Figure 64. 4-Wire Serial Interface Timing Diagram
Preamble
DISPB_D#_CS
DISPB_SD_D_CLK
DISPB_SD_D
RW
RS
Input or output data
D7
D6
D5
D4
D3
D2
D1
D0
1 display IF
clock cycle
1 display IF
clock cycle
Preamble
DISPB_D#_CS
DISPB_SD_D_CLK
DISPB_SD_D
RW
RS
Output data
D7
D6
D5
D4
D3
D2
D1
D0
DISPB_SD_D
(Output)
(Input)
Preamble
DISPB_D#_CS
DISPB_SD_D_CLK
DISPB_SD_D
RW
RS
Input data
DISPB_SD_D
D7
D6
D5
D4
D3
D2
D1
D0
(Output)
(Input)
Write
Read
1 display IF
clock cycle
1 display IF
clock cycle
1 display IF
clock cycle
1 display IF
clock cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com