Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  IMX35 Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
2
— iPod/iPhone control and playback
— High-speed CD ripping to USB, SD/MMC or HDD for virtual CD changer
— Audio processing for hands-free telephony: Bluetooth, AEC/NS, and microphone beam
forming
— Speech recognition
•
A/V connectivity and navigation:
— Includes audio connectivity and telematics features
— Map display and route calculation
— QVGA video decode, WVGA video display
— Sophisticated graphical user interface
The i.MX35 processor takes advantage of the ARM1136JF-S™ core running at 532 MHz that is boosted
by a multilevel cache system, and features peripheral devices such as an autonomous image processing
unit, a vector floating point (VFP11) co-processor, and a RISC-based DMA controller.
The i.MX35 supports connections to various types of external memories, such as SDRAM, mobile DDR
and DDR2, SLC and MLC NAND Flash, NOR Flash and SRAM. The device can be connected to a variety
of external devices such as high-speed USB2.0 OTG, ATA, MMC/SDIO, and Compact Flash.
1.1
Features
The i.MX35 is designed for automotive infotainment video-enabled applications. It provides low-power
solutions for applications demanding high-performance multimedia and graphics.
The i.MX35 is based on the ARM1136 platform, which has the following features:
•
ARM1136JF-S processor, version r1p3
•
16-Kbyte L1 instruction cache
•
16-Kbyte L1 data cache
•
128-Kbyte L2 cache, version r0p4
•
128 Kbytes of internal SRAM
•
Vector floating point unit (VFP11)
To boost multimedia performance, the following hardware accelerators are integrated:
•
Image processing unit (IPU)
•
OpenVG 1.1 graphics processing unit (GPU) (not available for the MCIMX351)
The MCIMX35 provides the following interfaces to external devices (some of these interfaces are muxed
and not available simultaneously):
•
2 controller area network (CAN) interfaces
•
2 SDIO/MMC interfaces, 1 SDIO/CE-ATA interface (CE-ATA is not available for the
MCIMX351)
•
32-bit mobile DDR, DDR2 (4-bank architecture), and SDRAM (up to 133 MHz)
•
2 configurable serial peripheral interfaces (CSPI) (up to 52 Mbps each)
•
Enhanced serial audio interface (ESAI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com