Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
71
The timing described in Figure 46 is that of a Motorola sensor. Some other sensors may have slightly
different timing. The CSI can be programmed to support rising/falling-edge triggered SENSB_VSYNC;
active-high/low SENSB_HSYNC; and rising/falling-edge triggered SENSB_PIX_CLK.
4.9.12.3
Electrical Characteristics
Figure 47 depicts the sensor interface timing, and Table 51 lists the timing parameters.
Figure 47. Sensor Interface Timing Diagram
4.9.13
IPU—Display Interfaces
This section describes the following types of display interfaces:
•
Section 4.9.13.1, “Synchronous Interfaces”
•
Section 4.9.13.2, “Interface to Sharp HR-TFT Panels”
•
Section 4.9.13.3, “Synchronous Interface to Dual-Port Smart Displays”
•
Section 4.9.13.4, “Asynchronous Interfaces”
•
Section 4.9.13.5, “Serial Interfaces, Functional Description”
Table 51. Sensor Interface Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
IP1
Sensor input clock frequency
Fmck
0.01
133
MHz
IP2
Data and control setup time
Tsu
5
—
ns
IP3
Data and control holdup time
Thd
3
—
ns
IP4
Sensor output (pixel) clock frequency
Fpck
0.01
133
MHz
SENSB_MCLK
IP3
SENSB_DATA,
SENSB_VSYNC,
IP2
1/IP1
1/IP4
SENSB_PIX_CLK
(Sensor Input)
(Sensor Output)
SENSB_HSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com