Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 96Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 100Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 101Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
98
Figure 70. Transfer Operation Timing Diagram (Parallel)
NOTE
The memory stick host controller is designed to meet the timing
requirements per Sony's Memory Stick Pro Format Specifications. Tables in
this section detail the specifications’ requirements for parallel and serial
modes, and not the i.MX35 timing.
Table 57. Serial Interface Timing Parameters1
Signal
Parameter
Symbol
Standards
Unit
Min.
Max.
MSHC_SCLK
Cycle
tSCLKc
50
—
ns
H pulse length
tSCLKwh
15
—
ns
L pulse length
tSCLKwl
15
—
ns
Rise time
tSCLKr
—
10
ns
Fall time
tSCLKf
—
10
ns
MSHC_BS
Setup time
tBSsu
5
—
ns
Hold time
tBSh
5
—
ns
tSCLKc
MSHC_SCLK
tBSsu
tBSh
tDsu
tDh
MSHC_BS
MSHC_DATA
(Output)
tDd
MSHC_DATA
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com