Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  IMX35 Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
3
•
2 synchronous serial interfaces (SSI)
•
Ethernet MAC 10/100 Mbps
•
1 USB 2.0 host with ULPI interface or internal full-speed PHY. Up to 480 Mbps if external HS
PHY is used.
•
1 USB 2.0 OTG (up to 480 Mbps) controller with internal high-speed OTG PHY
•
Flash controller—MLC/SLC NAND and NOR
•
GPIO with interrupt capabilities
•3 I2C modules (up to 400 Kbytes each)
•JTAG
•
Key pin port
•
Media local bus (MLB) interface
•
Asynchronous sample rate converter (ASRC)
•1-Wire
•
Parallel camera sensor (4/8/10/16-bit data port for video color models: YCC, YUV, 30 Mpixels/s)
•
Parallel display (primary up to 24-bit, 1024 x 1024)
•
Parallel ATA (up to 66 Mbytes) (not available for the MCIMX351)
•PWM
•
SPDIF transceiver
•
3 UART (up to 4.0 Mbps each)
1.2
Ordering Information
Table 1 provides the ordering information for the i.MX35 processors for automotive applications.
Table 1. Ordering Information
Description
Part Number1
Silicon
Revision
Package2
Speed
Operating
Temperature
Range (
°C)
Signal Ball
Map
Locations
Ball Map
i.MX351
MCIMX351AVM4B!
2.0
5284
400 MHz
–40 to 85
Table 91
Table 93
i.MX351
MCIMX351AVM5B!
2.0
5284
532 MHz
–40 to 85
Table 91
Table 93
i.MX355
MCIMX355AVM4B!
2.0
5284
400 MHz
–40 to 85
Table 91
Table 93
i.MX355
MCIMX355AVM5B!
2.0
5284
532 MHz
–40 to 85
Table 91
Table 93
i.MX356
MCIMX356AVM4B!
2.0
5284
400 MHz
–40 to 85
Table 91
Table 93
i.MX356
MCIMX356AVM5B!
2.0
5284
532 MHz
–40 to 85
Table 91
Table 93
i.MX351
MCIMX351AJQ4C
2.1
5284
400MHz
-40 to 85
Table 92
Table 94
i.MX351
MCIMX351AJQ5C
2.1
5284
532MHz
-40 to 85
Table 92
Table 94
i.MX355
MCIMX355AJQ4C
2.1
5284
400MHz
-40 to 85
Table 92
Table 94
i.MX355
MCIMX355AJQ5C
2.1
5284
532MHz
-40 to 85
Table 92
Table 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com