Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
32
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 13 shows the MII receive AC timing diagram.
Figure 13. MII Receive AC Timing Diagram
8.3.4
RGMII and RTBI AC Timing Specifications
Table 32 presents the RGMII and RTBI AC timing specifications.
Table 32. RGMII and RTBI AC Timing Specifications
At recommended operating conditions with LVDD of 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
Notes
Data to clock output skew (at transmitter)
tSKRGT
–600
0
600
ps
—
Data to clock input skew (at receiver)
tSKRGT
1.0
—
2.8
ns
2
Clock period
tRGT
7.2
8.0
8.8
ns
3
Duty cycle for 1000Base-T
tRGTH/tRGT
45
50
55
%
4
Duty cycle for 10BASE-T and 100BASE-TX
tRGTH/tRGT
40
50
60
%
3, 4
Rise time (20%–80%)
tRGTR
—
—
0.75
ns
—
Fall time (20%–80%)
tRGTF
—
—
0.75
ns
—
EC_GTX_CLK125 reference clock period
tG12
—8.0
—
ns
5
EC_GTX_CLK125 reference clock duty cycle
measured at 0.5
× LVDD1
tG125H/tG125
47
—
53
%
—
Note:
1 Note that, in general, the clock reference symbol representation for this section is based on the symbols RGT to represent
RGMII and RTBI timing. Note also that the notation for rise (R) and fall (F) times follows the clock symbol that is being
represented. For symbols representing skews, the subscript is skew (SK) followed by the clock that is being skewed (RGT).
2 This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than 1.5 ns
will be added to the associated clock signal.
3 For 10 and 100 Mbps, t
RGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
4 Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domains as long
as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest speed transitioned
between
5 This symbol represents the external EC_GTX_CLK125 and does not follow the original signal naming convention.
RX_CLK
RXD[3:0]
tMRDXKL
tMRX
tMRXH
tMRXR
tMRXF
RX_DV
RX_ER
tMRDVKH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com