Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
85
High-Speed Serial Interfaces (HSSI)
that the LVPECL clock driver’s output impedance is 50
Ω. R1 is used to DC-bias the LVPECL outputs
prior to AC-coupling. Its value could be ranged from 140
Ω to 240 Ω depending on clock driver vendor’s
requirement. R2 is used together with the SerDes reference clock receiver’s 50
Ω termination resistor to
attenuate the LVPECL output’s differential peak level such that it meets the device SerDes reference
clock’s differential input amplitude requirement (between 200 mV and 800 mV differential peak). For
example, if the LVPECL output’s differential peak is 900 mV and the desired SerDes reference clock input
amplitude is selected as 600 mV, the attenuation factor is 0.67, which requires R2 = 25
Ω. Please consult
clock driver chip manufacturer to verify whether this connection scheme is compatible with a particular
clock driver chip.
Figure 61. AC-Coupled Differential Connection with LVPECL Clock Driver (Reference Only)
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVPECL CLK Driver Chip
R2
R2
R1
R1
10 nF
10 nF
MPC8378E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com