Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
69
PCI Express
transition bit or a de-emphasized bit. The exact reduced voltage level of the de-emphasized bit is always
relative to the transition bit.
The eye diagram must be valid for any 250 consecutive UIs.
A recovered Tx UI is calculated over 3500 consecutive unit intervals of sample data. The eye diagram is
created using all edges of the 250 consecutive UI in the center of the 3500 UI used for calculating the Tx
UI.
NOTE
It is recommended that the recovered Tx UI be calculated using all edges in
the 3500 consecutive UI interval with a fit algorithm using a minimization
merit function (that is, least squares and median deviation fits).
Figure 46. Minimum Transmitter Timing and Voltage Output Compliance Specifications
15.4.3
Differential Receiver (Rx) Input Specifications
Table 57 defines the specifications for the differential input at all receivers. The parameters are specified
at the component pins.
Table 57. Differential Receiver (Rx) Input Specifications
Parameter
Comments
Symbol
Min
Typical
Max
Units
Notes
Unit interval
Each UPERX is 400 ps ± 300
ppm. UPERX does not account
for Spread Spectrum Clock
dictated variations.
UI
399.88
400
400.12
ps
1
Differential peak-to-peak
output voltage
VPEDPPRX = 2 × |VRX-D+ –
VRX-D-|
VRX-DIFFp-p
0.175
—
1.200
V
2
[De-emphasized Bit]
566 mV (3 dB) >= VTX-DIFFp-p-MIN >= 505 mV (4 dB)
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV
0.7 UI = UI – 0.3 UI(JTX-TOTAL-MAX)
VTX-DIFF = 0 mV
(D+ D– Crossing Point)
VTX-DIFF = 0 mV
(D+ D– Crossing Point)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com