Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
74
Freescale Semiconductor
GPIO
16.2
Timers AC Timing Specifications
Table 59 provides the timers input and output AC timing specifications.
Figure 49 provides the AC test load for the timers.
Figure 49. Timers AC Test Load
17 GPIO
This section describes the DC and AC electrical specifications for the GPIO of the MPC8378E.
17.1
GPIO DC Electrical Characteristics
Table 60 provides the DC electrical characteristics for the device GPIO.
Table 59. Timers Input AC Timing Specifications 1
Parameter
Symbol 2
Min
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Note:
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2 Timers inputs and outputs are asynchronous to any visible clock. Timers outputs should be synchronized before use by any
external synchronous logic. Timers inputs are required to be valid for at least tTIWID ns to ensure proper operation
Table 60. GPIO DC Electrical Characteristics
This specification applies when operating at 3.3 V ± 165 mV supply.
Parameter
Condition
Symbol
Min
Max
Unit
Output high voltage
IOH = –6.0 mA
VOH
2.4
—
V
Output low voltage
IOL = 6.0 mA
VOL
—0.5
V
Output low voltage
IOL = 3.2 mA
VOL
—0.4
V
Input high voltage
—
VIH
2.0
OVDD +0.3
V
Input low voltage
—
VIL
–0.3
0.8
V
Input current
0 V
≤ VIN ≤ OVDD
IIN
—± 30
μA
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com