Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
39
Local Bus
9.2
USB AC Electrical Specifications
Table 39 describes the general timing parameters of the USB interface of the device.
Figure 21 and Figure 22 provide the AC test load and signals for the USB, respectively.
Figure 21. USB AC Test Load
Figure 22. USB Interface Timing Diagram
10 Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8378E.
Table 39. USB General Timing Parameters (ULPI Mode Only)
Parameter
Symbol1
Min
Max
Unit
USB clock cycle time
tUSCK
15
—
ns
Input setup to USB clock—all inputs
tUSIVKH
4—
ns
input hold to USB clock—all inputs
tUSIXKH
1—
ns
USB clock to output valid—all outputs
tUSKHOV
—7
ns
Output hold from USB clock—all outputs
tUSKHOX
2—
ns
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Output Signals
tUSKHOV
USBDR_CLK
Input Signals
tUSIXKH
tUSIVKH
tUSKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com