Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
49
Enhanced Secure Digital Host Controller (eSDHC)
Due to the special implementation of the eSDHC, there are constraints regarding the clock and data signals
propagation delay on the user board. The constraints are for minimum and maximum delays, as well as
skew between the CLK and DAT/CMD signals.
In full speed mode, there is no need to add special delay on the data or clock signals. The user should make
sure to meet the timing requirements as described further within this document.
If the system is designed to support both high-speed and full-speed cards, the high-speed constraints
should be fulfilled. If the systems is designed to operate up to 25 MHz only, full-speed mode is
recommended.
11.1
eSDHC DC Electrical Characteristics
Table 45 provides the DC electrical characteristics for the eSDHC (SD/MMC) interface of the device.
11.2
eSDHC AC Timing Specifications (Full-Speed Mode)
This section describes the AC electrical specifications for the eSDHC (SD/MMC) interface of the device.
Table 46 provides the eSDHC AC timing specifications for full-speed mode as defined in Figure 31 and
Figure 32.
Table 45. eSDHC interface DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—
0.625
× OVDD
OVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.25
× OVDD
V
Input current
IIN
——
±30
μA
Output high voltage
VOH
IOH = –100 uA,
at OVDD(min)
0.75
× OVDD
—V
Output low voltage
VOL
IOL = +100 uA,
at OVDD(min)
—
0.125
× OVDD
V
Table 46. eSDHC AC Timing Specifications for Full-Speed Mode
At recommended operating conditions OVDD = 3.3 V ± 165 mV.
Parameter
Symbol 1
Min
Max
Unit
Notes
SD_CLK clock frequency—full speed mode
fSFSCK
025
MHz
—
SD_CLK clock cycle
tSFSCK
40
—
ns
—
SD_CLK clock frequency—identification mode
fSIDCK
0400
KHz
—
SD_CLK clock low time
tSFSCKL
15
—
ns
2
SD_CLK clock high time
tSFSCKH
15
—
ns
2
SD_CLK clock rise and fall times
tSFSCKR/
tSFSCKF
—5
ns
2
Input setup times: SD_CMD, SD_DATx, SD_CD to
SD_CLK
tSFSIVKH
5—
ns
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com