Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
40
Freescale Semiconductor
Local Bus
10.1
Local Bus DC Electrical Characteristics
Table 40 and Table 41 provides the DC electrical characteristics for the local bus interface.
Table 40. Local Bus DC Electrical Characteristics (LBVDD =3.3 V)
At recommended operating conditions with LBVDD = 3.3 V.
Parameter
Conditions
Symbol
Min
Max
Unit
Supply voltage 3.3 V
—
LBVDD
3.135
3.465
V
Output high voltage
IOH = –4.0 mA
LBVDD = Min
VOH
2.40
—
V
Output low voltage
IOL = 4.0 mA
LBVDD = Min
VOL
—0.50
V
Input high voltage
—
—
VIH
2.0
LBVDD + 0.3
V
Input low voltage
—
—
VIL
–0.3
0.90
V
Input high current
VIN
1 = LBV
DD
IIH
—30
μA
Input low current
VIN
1 = GND
IIL
–30
—
μA
Table 41. Local Bus DC Electrical Characteristics (LBVDD =2.5 V)
At recommended operating conditions with LBVDD = 2.5 V.
Parameter
Conditions
Symbol
Min
Max
Unit
Supply voltage 2.5 V
—
LBVDD
2.37
2.73
V
Output high voltage
IOH = –1.0 mA
LBVDD = Min
VOH
2.00
—
V
Output low voltage
IOL = 1.0 mA
LBVDD = Min
VOL
—0.40
V
Input high voltage
—
LBVDD = Min
VIH
1.7
LBVDD + 0.3
V
Input low voltage
—
LBVDD = Min
VIL
–0.3
0.70
V
Input high current
VIN
1 = LBV
DD
IIH
—20
μA
Input low current
VIN
1 = GND
IIL
–20
—
μA
Table 42. Local Bus DC Electrical Characteristics (LBVDD =1.8 V)
At recommended operating conditions with LBVDD = 1.8 V.
Parameter
Conditions
Symbol
Min
Max
Unit
Supply voltage 1.8 V
—
LBVDD
1.71
1.89
V
Output high voltage
IOH = –1.0 mA
LBVDD = Min
VOH
LBVDD – 0.45
—
V
Output low voltage
IOL = 1.0 mA
LBVDD = Min
VOL
—0.45
V
Input high voltage
—
LBVDD = Min
VIH
0.65
× LBVDD
LBVDD + 0.3
V
Input low voltage
—
LBVDD = Min
VIL
–0.3
0.35
× LBVDD
V
Input high current
VIN
1 = LBV
DD
IIH
—10
μA
Input low current
VIN
1 = GND
IIL
–10
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com