Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
60
Freescale Semiconductor
I
2C
13 I2C
This section describes the DC and AC electrical characteristics for the I2C interface of the MPC8378E.
13.1
I2C DC Electrical Characteristics
Table 50 provides the DC electrical characteristics for the I2C interface of the MPC8378E.
13.2
I2C AC Electrical Specifications
Table 51 provides the AC timing parameters for the I2C interface of the device.
Table 50. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 165 mV.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× OVDD
OVDD + 0.3
V
—
Input low voltage level
VIL
–0.3
0.3
× OVDD
V—
Low level output voltage
VOL
00.2
× OVDD
V1
Output fall time from VIH(min) to VIL(max) with a bus capacitance
from 10 to 400 pF
tI2KLKV
20 + 0.1
× CB
250
ns
2
Pulse width of spikes which must be suppressed by the input filter
tI2KHKL
050
ns
3
Capacitance for each I/O pin
CI
—10
pF
—
Input current
(0 V
≤ VIN ≤ OVDD)
IIN
—± 30
μA4
Note:
1 Output voltage (open drain or open collector) condition = 3 mA sink current.
2 C
B = capacitance of one bus line in pF.
3 Refer to the MPC8379E PowerQUICC II Pro Integrated Host Processor Reference Manual for information on the digital filter
used.
4 I/O pins will obstruct the SDA and SCL lines if OV
DD is switched off.
Table 51. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 50).
Parameter
Symbol1
Min
Max
Unit
Notes
SCL clock frequency
fI2C
0
400
kHz
—
Low period of the SCL clock
tI2CL
1.3
—
μs—
High period of the SCL clock
tI2CH
0.6
—
μs—
Setup time for a repeated START condition
tI2SVKH
0.6
—
μs—
Hold time (repeated) START condition (after this period, the first
clock pulse is generated)
tI2SXKL
0.6
—
μs—
Data setup time
tI2DVKH
100
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com