Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
42
Freescale Semiconductor
Local Bus
Table 43 describes the general timing parameters of the local bus interface of the device.
Figure 23 provides the AC test load for the local bus.
Figure 23. Local Bus AC Test Load
Table 44. Local Bus General Timing Parameters—PLL Bypass Mode
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
15
—
ns
2
Input setup to local bus clock
tLBIVKH
7.0
—
ns
3, 4
Input hold from local bus clock
tLBIXKH
1.0
—
ns
3, 4
LALE output fall to LAD output transition (LATCH
hold time)
tLBOTOT1
1.5
—
ns
5
LALE output fall to LAD output transition (LATCH
hold time)
tLBOTOT2
3.0
—
ns
6
LALE output fall to LAD output transition (LATCH
hold time)
tLBOTOT3
2.5
—
ns
7
Local bus clock to output valid
tLBKHOV
—3.0
ns
3
Local bus clock to output high impedance for
LAD/LDP
tLBKHOZ
—
4.0
ns
3, 8
Note:
1 The symbols used for timing specifications herein follow the pattern of t
(First two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus
timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case
for clock one(1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect
to the output (O) going invalid (X) or output hold time.
2 All timings are in reference to falling edge of LCLK0 (for all outputs and for LGTA and LUPWAIT inputs) or rising edge of
LCLK0 (for all other inputs).
3 All signals are measured from LBV
DD/2 of the rising/falling edge of LCLK0 to 0.4 × LBVDD of the signal in question for 3.3-V
signaling levels.
4 Input timings are measured at the pin.
5 t
LBOTOT1 should be used when LBCR[AHD] is not set and the load on LALE output pin is at least 10pF less than the load on
LAD output pins.
6 t
LBOTOT2 should be used when LBCR[AHD] is set and the load on LALE output pin is at least 10pF less than the load on LAD
output pins.
7 t
LBOTOT3 should be used when LBCR[AHD] is set and the load on LALE output pin equals to the load on LAD output pins.
8 For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com