Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8378ECVRANDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
5
Overview
There are two I2C controllers. These synchronous, multi-master buses can be connected to additional
devices for expansion and system development.
The DUART supports full-duplex operation and is compatible with the PC16450 and PC16550
programming models. 16-byte FIFOs are supported for both the transmitter and the receiver.
The main component of the enhanced local bus controller (eLBC) is its memory controller, which provides
a seamless interface to many types of memory devices and peripherals. The memory controller is
responsible for controlling eight memory banks shared by a NAND Flash control machine (FCM), a
general-purpose chip-select machine (GPCM), and up to three user-programmable machines (UPMs). As
such, it supports a minimal glue logic interface to SRAM, EPROM, NOR Flash EPROM, NAND Flash,
EPROM, burstable RAM, regular DRAM devices, extended data output DRAM devices, and other
peripherals. The eLBC external address latch enable (LALE) signal allows multiplexing of addresses with
data signals to reduce the device pin count.
The enhanced local bus controller also includes a number of data checking and protection features, such
as data parity generation and checking, write protection, and a bus monitor to ensure that each bus cycle
is terminated within a user-specified period. The local bus can operate at up to 133 MHz.
The system timers include the following features: periodic interrupt timer, real time clock, software
watchdog timer, and two general-purpose timer blocks.
1.8
Security Engine
The optional security engine is optimized to handle all the algorithms associated with IPSec,
IEEE 802.11i, and iSCSI. The security engine contains one crypto-channel, a controller, and a set of crypto
execution units (EUs). The execution units are:
•
Data encryption standard execution unit (DEU), supporting DES and 3DES
•
Advanced encryption standard unit (AESU), supporting AES
•
Message digest execution unit (MDEU), supporting MD5, SHA1, SHA-256, and HMAC with any
algorithm
•
One crypto-channel supporting multi-command descriptor chains
1.9
PCI Controller
The PCI controller includes the following features:
•
PCI Specification Revision 2.3 compatible
•
Single 32-bit data PCI interface operates at up to 66 MHz
•
PCI 3.3-V compatible (not 5-V compatible)
•
Support for host and agent modes
•
On-chip arbitration, supporting 5 external masters on PCI
•
Selectable hardware-enforced coherency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com