Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
15
RESET Initialization
5.2
RESET AC Electrical Characteristics
Table 10 provides the reset initialization AC timing specifications of the device.
Table 11 provides the PLL lock times.
Table 10. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HRESET to activate reset flow
32
—
tPCI_SYNC_IN
1
Required assertion time of PORESET with stable clock applied to CLKIN when
the device is in PCI host mode
32
—
tCLKIN
2
Required assertion time of PORESET with stable clock applied to PCI_CLK when
the device is in PCI agent mode
32
—
tPCI_SYNC_IN
1
HRESET assertion (output)
512
—
tPCI_SYNC_IN
1
HRESET negation to negation (output)
16
—
tPCI_SYNC_IN
1
Input setup time for POR config signals (CFG_RESET_SOURCE[0:3],
CFG_CLKIN_DIV, and CFG_LBMUX) with respect to negation of PORESET
when the device is in PCI host mode
4—
tCLKIN
2
Input setup time for POR config signals (CFG_RESET_SOURCE[0:3],
CFG_CLKIN_DIV, and CFG_LBMUX) with respect to negation of PORESET
when the device is in PCI agent mode
4—
tPCI_SYNC_IN
1
Input hold time for POR config signals with respect to negation of HRESET
0—
ns
—
Time for the device to turn off POR config signals with respect to the assertion of
HRESET
—4
ns
3
Time for the device to start driving functional output signals multiplexed with the
POR configuration signals with respect to the negation of HRESET
1—
tPCI_SYNC_IN
1, 3
Note:
1 t
PCI_SYNC_IN is the clock period of the input clock applied to PCI_SYNC_IN. When the device is In PCI host mode the primary
clock is applied to the CLKIN input, and PCI_SYNC_IN period depends on the value of CFG_CLKIN_DIV. See the
MPC8379E
Integrated Host Processor Reference Manual for more details.
2 t
CLKIN is the clock period of the input clock applied to CLKIN. It is only valid when the device is in PCI host mode. See the
MPC8379E Integrated Host Processor Reference Manual for more details.
3 POR config signals consists of CFG_RESET_SOURCE[0:3], CFG_LBMUX, and CFG_CLKIN_DIV.
Table 11. PLL Lock Times
Parameter
Min
Max
Unit
Notes
PLL lock times
—
100
μs—
Note:
• The device guarantees the PLL lock if the clock settings are within spec range. The core clock also depends on the core PLL
ratio. See Section 22, “Clocking,” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com