Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
108
Freescale Semiconductor
Clocking
Table 69 provides the operating frequencies for the TePBGA II package under recommended operating
conditions (see Table 3).
22.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. The system PLL VCO frequency depends
on RCWL[DDRCM] and RCWL[LBCM]. Table 70 shows the multiplication factor encodings for the
system PLL.
NOTE
If RCWL[DDRCM] and RCWL[LBCM] are both cleared, the system PLL
VCO frequency = (CSB frequency)
× (System PLL VCO Divider).
If either RCWL[DDRCM] or RCWL[LBCM] are set, the system PLL VCO
frequency = 2
× (CSB frequency) × (System PLL VCO Divider).
The VCO divider needs to be set properly so that the System PLL VCO
frequency is in the range of 400–800 MHz.
Table 69. Operating Frequencies for TePBGA II
Parameter 1
1
The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting
csb_clk, MCK,
LCLK[0:2], and
core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The value
of SCCR[xCM] must be programmed such that the maximum internal operating frequency of the Security core, USB modules,
SATA, and eSDHC will not exceed their respective value listed in this table.
Minimum Operating
Frequency (MHz)
Maximum Operating
Frequency (MHz)
e300 core frequency (
core_clk)
333
800
Coherent system bus frequency (
csb_clk)
133
400
DDR2 memory bus frequency (MCK) 2
2
The DDR data rate is 2
× the DDR memory bus frequency.
125
200
DDR1 memory bus frequency (MCK) 2
167
333
Local bus frequency (LCLK
n) 3
3
The local bus frequency is 1/2, 1/4, or 1/8 of the
lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1x or 2x
the
csb_clk frequency (depending on RCWL[LBIUCM]).
—133
Local bus controller frequency (
lbc_clk)—
400
PCI input frequency (CLKIN or PCI_CLK)
25
66
eTSEC frequency
—
400
Security encryption controller frequency
—
200
USB controller frequency
—
200
eSDHC controller frequency
—
200
PCI Express controller frequency
—
400
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com