Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRANDA Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 126Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
124
Freescale Semiconductor
Document Revision History
26 Document Revision History
Table 82 provides a revision history for this hardware specification.
Table 82. Document Revision History
Revision
Date
Substantive Change(s)
2
10/2009
• In Table 3, “Recommended Operating Conditions,” added “Operating temperature range” values.
•In Table 5, “MPC8377E Power Dissipation 1,” corrected maximal application for 800/400 MHz to 4.3 W.
•In Table 5, “MPC8377E Power Dissipation 1,” added a column for “Typical Application at Tj =65°C (W)”.
•In Table 5, “MPC8377E Power Dissipation 1,” added a column for “Sleep Power at Tj =65°C (W)”.
•In Table 10, removed overbar from CFG_CLKIN_DIV.
•In Table 16, “Current Draw Characteristics for MVREF,” updated IMVREF maximum value for both DDR1
and DDR2 to 600 and 400
μA, respectively. Also, updated Note 1 and added Note 2.
•In Table 19, “DDR1 and DDR2 SDRAM Input AC Timing Specifications,” column headings renamed to
“Min” and “Max”. Footnote 2 updated to state “T is the MCK clock period”.
•In Table 19, “DDR1 and DDR2 SDRAM Input AC Timing Specifications,” and Table 20, “DDR1 and
DDR2 SDRAM Output AC Timing Specifications,” clarified that the frequency parameters are data rates.
•In Table 25, “SGMII DC Transmitter Electrical Characteristics,” updated footnote 3.
•In Table 26, “SGMII DC Receiver Electrical Characteristics,” updated bit name LSTS to SEIC
x, the
parameter values, and the maximum value of SEIC
x = 01 to 100.
•In Table 26, “SGMII DC Receiver Electrical Characteristics,” updated VLOS maximum value for LSTS =0
to 150 mV .
•In Table 33, “RMII Transmit AC Timing Specifications,” updated tRMTDXI to 2.0 ns.
•In Table 67, “TePBGA II Pinout Listing,” removed pin THERM0; it is now Reserved. Also added 1.05 V
to VDD pin.
•In Table 69, “Operating Frequencies for TePBGA II,” corrected “DDR2 memory bus frequency (MCK)”
range to 125–200.
•In Table 74, “e300 Core PLL Configuration,” added 3.5:1 and 4:1 core_clk: csb_clk ratio options.
•In Table 75, “Example Clock Frequency Combinations,” updated column heading to “DDR data rate” .
•In Section 19.2, “SPI AC Timing Specifications,” corrected tNIKHOX and tNEKHOX to tNIKHOV and tNEKHOV,
respectively.
1
02/2009
• In Table 3, “Recommended Operating Conditions,” added two new rows for 800 MHz, and created two
rows for SerDes. In addition, changed 666 to 667 MHz.
•In Table 5, “MPC8377E Power Dissipation 1,” added Notes 4 and 5. In addition, changed 666 to 667
MHz.
•In Table 12, “DDR2 SDRAM DC Electrical Characteristics for GVDD(typ) = 1.8 V,” Table 20, “DDR1 and
DDR2 SDRAM Output AC Timing Specifications,” and Table 67, “TePBGA II Pinout Listing,” added
footnote to references to MVREF, MDQ, and MDQS, referencing AN3665,
MPC837xE Design Checklist.
•In Table 20, updated tDDKHCX minimum value for 333 MHz to 2.40.
•In Table 67, “TePBGA II Pinout Listing,” added footnote to USBDR_STP_SUSPEND and modified
footnote 10 and added footnote 13.
•In Table 69, “Operating Frequencies for TePBGA II,” changed 667 to 800 MHz for
core_clk.
•In Table 75, “Example Clock Frequency Combinations,” added 800 MHz cells for e300 core.
• Updated part numbering information in AF column in Table 79, “Part Numbering Nomenclature.” In
addition, modified extended temperature information in notes 1 and 4.
•In Table 80, “Available Parts (Core/DDR Data Rate),” added new row for 800/400 MHz.
0
12/2008 Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com