Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 110 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 106Page - ATMEL Corporation ATmega165 Datasheet HTML 107Page - ATMEL Corporation ATmega165 Datasheet HTML 108Page - ATMEL Corporation ATmega165 Datasheet HTML 109Page - ATMEL Corporation ATmega165 Datasheet HTML 110Page - ATMEL Corporation ATmega165 Datasheet HTML 111Page - ATMEL Corporation ATmega165 Datasheet HTML 112Page - ATMEL Corporation ATmega165 Datasheet HTML 113Page - ATMEL Corporation ATmega165 Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 336 page
background image
110
ATmega165/V
2573G–AVR–07/09
The Timer/Counter Overflow Flag (TOV1) is set at the same timer clock cycle as the
OCR1x Registers are updated with the double buffer value (at BOTTOM). When either
OCR1A or ICR1 is used for defining the TOP value, the OC1A or ICF1 Flag set when
TCNT1 has reached TOP. The Interrupt Flags can then be used to generate an interrupt
each time the counter reaches the TOP or BOTTOM value.
When changing the TOP value the program must ensure that the new TOP value is
higher or equal to the value of all of the Compare Registers. If the TOP value is lower
than any of the Compare Registers, a compare match will never occur between the
TCNT1 and the OCR1x.
As Figure 48 shows the output generated is, in contrast to the phase correct mode, sym-
metrical in all periods. Since the OCR1x Registers are updated at BOTTOM, the length
of the rising and the falling slopes will always be equal. This gives symmetrical output
pulses and is therefore frequency correct.
Using the ICR1 Register for defining TOP works well when using fixed TOP values. By
using ICR1, the OCR1A Register is free to be used for generating a PWM output on
OC1A. However, if the base PWM frequency is actively changed by changing the TOP
value, using the OCR1A as TOP is clearly a better choice due to its double buffer
feature.
In phase and frequency correct PWM mode, the compare units allow generation of
PWM waveforms on the OC1x pins. Setting the COM1x1:0 bits to two will produce a
non-inverted PWM and an inverted PWM output can be generated by setting the
COM1x1:0 to three (See Table on page 114). The actual OC1x value will only be visible
on the port pin if the data direction for the port pin is set as output (DDR_OC1x). The
PWM waveform is generated by setting (or clearing) the OC1x Register at the compare
match between OCR1x and TCNT1 when the counter increments, and clearing (or set-
ting) the OC1x Register at compare match between OCR1x and TCNT1 when the
counter decrements. The PWM frequency for the output when using phase and fre-
quency correct PWM can be calculated by the following equation:
The N variable represents the prescaler divider (1, 8, 64, 256, or 1024).
The extreme values for the OCR1x Register represents special cases when generating
a PWM waveform output in the phase and frequency correct PWM mode. If the OCR1x
is set equal to BOTTOM the output will be continuously low and if set equal to TOP the
output will be set to high for non-inverted PWM mode. For inverted PWM the output will
have the opposite logic values. If OCR1A is used to define the TOP value (WGM13:0 =
9) and COM1A1:0 = 1, the OC1A output will toggle with a 50% duty cycle.
fOCnxPFCPWM
f
clk_I/O
2
NTOP
⋅⋅
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com