Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 113 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 109Page - ATMEL Corporation ATmega165 Datasheet HTML 110Page - ATMEL Corporation ATmega165 Datasheet HTML 111Page - ATMEL Corporation ATmega165 Datasheet HTML 112Page - ATMEL Corporation ATmega165 Datasheet HTML 113Page - ATMEL Corporation ATmega165 Datasheet HTML 114Page - ATMEL Corporation ATmega165 Datasheet HTML 115Page - ATMEL Corporation ATmega165 Datasheet HTML 116Page - ATMEL Corporation ATmega165 Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 336 page
background image
113
ATmega165/V
2573G–AVR–07/09
16-bit Timer/Counter
Register Description
Timer/Counter1 Control
Register A – TCCR1A
• Bit 7:6 – COM1A1:0: Compare Output Mode for Unit A
• Bit 5:4 – COM1B1:0: Compare Output Mode for Unit B
The COM1A1:0 and COM1B1:0 control the Output Compare pins (OC1A and OC1B
respectively) behavior. If one or both of the COM1A1:0 bits are written to one, the OC1A
output overrides the normal port functionality of the I/O pin it is connected to. If one or
both of the COM1B1:0 bit are written to one, the OC1B output overrides the normal port
functionality of the I/O pin it is connected to. However, note that the Data Direction Reg-
ister (DDR) bit corresponding to the OC1A or OC1B pin must be set in order to enable
the output driver.
When the OC1A or OC1B is connected to the pin, the function of the COM1x1:0 bits is
dependent of the WGM13:0 bits setting. Table 48 shows the COM1x1:0 bit functionality
when the WGM13:0 bits are set to a Normal or a CTC mode (non-PWM).
Table 49 shows the COM1x1:0 bit functionality when the WGM13:0 bits are set to the
fast PWM mode.
Bit
7
6
5
4
321
0
COM1A1
COM1A0
COM1B1
COM1B0
–
–
WGM11
WGM10
TCCR1A
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 48. Compare Output Mode, non-PWM
COM1A1/COM1B1
COM1A0/COM1B0
Description
0
0
Normal port operation, OC1A/OC1B
disconnected.
0
1
Toggle OC1A/OC1B on Compare Match.
1
0
Clear OC1A/OC1B on Compare Match (Set
output to low level).
1
1
Set OC1A/OC1B on Compare Match (Set output
to high level).
Table 49. Compare Output Mode, Fast PWM
(1)
COM1A1/COM1B1
COM1A0/COM1B0
Description
0
0
Normal port operation, OC1A/OC1B
disconnected.
0
1
WGM13:0 = 14 or 15: Toggle OC1A on Compare
Match, OC1B disconnected (normal port
operation). For all other WGM1 settings, normal
port operation, OC1A/OC1B disconnected.
1
0
Clear OC1A/OC1B on Compare Match, set
OC1A/OC1B at BOTTOM (non-inverting mode)
1
1
Set OC1A/OC1B on Compare Match, clear
OC1A/OC1B at BOTTOM (inverting mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com