Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 116 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 112Page - ATMEL Corporation ATmega165 Datasheet HTML 113Page - ATMEL Corporation ATmega165 Datasheet HTML 114Page - ATMEL Corporation ATmega165 Datasheet HTML 115Page - ATMEL Corporation ATmega165 Datasheet HTML 116Page - ATMEL Corporation ATmega165 Datasheet HTML 117Page - ATMEL Corporation ATmega165 Datasheet HTML 118Page - ATMEL Corporation ATmega165 Datasheet HTML 119Page - ATMEL Corporation ATmega165 Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 336 page
background image
116
ATmega165/V
2573G–AVR–07/09
(ICF1), and this can be used to cause an Input Capture Interrupt, if this interrupt is
enabled.
When the ICR1 is used as TOP value (see description of the WGM13:0 bits located in
the TCCR1A and the TCCR1B Register), the ICP1 is disconnected and consequently
the Input Capture function is disabled.
• Bit 5 – Reserved Bit
This bit is reserved for future use. For ensuring compatibility with future devices, this bit
must be written to zero when TCCR1B is written.
• Bit 4:3 – WGM13:2: Waveform Generation Mode
See TCCR1A Register description.
• Bit 2:0 – CS12:0: Clock Select
The three Clock Select bits select the clock source to be used by the Timer/Counter, see
Figure 49 and Figure 50.
If external pin modes are used for the Timer/Counter1, transitions on the T1 pin will
clock the counter even if the pin is configured as an output. This feature allows software
control of the counting.
Timer/Counter1 Control
Register C – TCCR1C
• Bit 7 – FOC1A: Force Output Compare for Unit A
• Bit 6 – FOC1B: Force Output Compare for Unit B
The FOC1A/FOC1B bits are only active when the WGM13:0 bits specifies a non-PWM
mode. However, for ensuring compatibility with future devices, these bits must be set to
zero when TCCR1A is written when operating in a PWM mode. When writing a logical
one to the FOC1A/FOC1B bit, an immediate compare match is forced on the Waveform
Generation unit. The OC1A/OC1B output is changed according to its COM1x1:0 bits
setting. Note that the FOC1A/FOC1B bits are implemented as strobes. Therefore it is
the value present in the COM1x1:0 bits that determine the effect of the forced compare.
Table 52. Clock Select Bit Description
CS12
CS11
CS10
Description
0
0
0
No clock source (Timer/Counter stopped).
001
clk
I/O/1 (No prescaling)
010
clkI/O/8 (From prescaler)
011
clkI/O/64 (From prescaler)
100
clk
I/O/256 (From prescaler)
101
clkI/O/1024 (From prescaler)
1
1
0
External clock source on T1 pin. Clock on falling edge.
1
1
1
External clock source on T1 pin. Clock on rising edge.
Bit
765
4
3
210
FOC1A
FOC1B
–
–
–
–
–
–
TCCR1C
Read/Write
R/W
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com