Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 159 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 155Page - ATMEL Corporation ATmega165 Datasheet HTML 156Page - ATMEL Corporation ATmega165 Datasheet HTML 157Page - ATMEL Corporation ATmega165 Datasheet HTML 158Page - ATMEL Corporation ATmega165 Datasheet HTML 159Page - ATMEL Corporation ATmega165 Datasheet HTML 160Page - ATMEL Corporation ATmega165 Datasheet HTML 161Page - ATMEL Corporation ATmega165 Datasheet HTML 162Page - ATMEL Corporation ATmega165 Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 336 page
background image
159
ATmega165/V
2573G–AVR–07/09
Receiving Frames with 9 Data
Bits
If 9-bit characters are used (UCSZ=7) the ninth bit must be read from the RXB8 bit in
UCSRB before reading the low bits from the UDR. This rule applies to the FE, DOR and
UPE Status Flags as well. Read status from UCSRA, then data from UDR. Reading the
UDR I/O location will change the state of the receive buffer FIFO and consequently the
TXB8, FE, DOR and UPE bits, which all are stored in the FIFO, will change.
The following code example shows a simple USART receive function that handles both
nine bit characters and the status bits.
Note:
1. See “About Code Examples” on page 6.
Assembly Code Example
(1)
USART_Receive:
; Wait for data to be received
sbis
UCSRA, RXC
rjmp
USART_Receive
; Get status and 9th bit, then data from buffer
in
r18, UCSRA
in
r17, UCSRB
in
r16, UDR
; If error, return -1
andi
r18,(1<<FE)|(1<<DOR)|(1<<UPE)
breq
USART_ReceiveNoError
ldi
r17, HIGH(-1)
ldi
r16, LOW(-1)
USART_ReceiveNoError:
; Filter the 9th bit, then return
lsr
r17
andi
r17, 0x01
ret
C Code Example
(1)
unsigned int
USART_Receive( void )
{
unsigned char
status, resh, resl;
/* Wait for data to be received */
while
( !(UCSRA & (1<<RXC)) )
;
/* Get status and 9th bit, then data */
/* from buffer */
status = UCSRA;
resh = UCSRB;
resl = UDR;
/* If error, return -1 */
if
( status & (1<<FE)|(1<<DOR)|(1<<UPE) )
return
-1;
/* Filter the 9th bit, then return */
resh = (resh >> 1) & 0x01;
return
((resh << 8) | resl);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com