Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 163 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 159Page - ATMEL Corporation ATmega165 Datasheet HTML 160Page - ATMEL Corporation ATmega165 Datasheet HTML 161Page - ATMEL Corporation ATmega165 Datasheet HTML 162Page - ATMEL Corporation ATmega165 Datasheet HTML 163Page - ATMEL Corporation ATmega165 Datasheet HTML 164Page - ATMEL Corporation ATmega165 Datasheet HTML 165Page - ATMEL Corporation ATmega165 Datasheet HTML 166Page - ATMEL Corporation ATmega165 Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 336 page
background image
163
ATmega165/V
2573G–AVR–07/09
Figure 75 shows the sampling of the stop bit and the earliest possible beginning of the
start bit of the next frame.
Figure 75. Stop Bit Sampling and Next Start Bit Sampling
The same majority voting is done to the stop bit as done for the other bits in the frame. If
the stop bit is registered to have a logic 0 value, the Frame Error (FE) Flag will be set.
A new high to low transition indicating the start bit of a new frame can come right after
the last of the bits used for majority voting. For Normal Speed mode, the first low level
sample can be at point marked (A) in Figure 75. For Double Speed mode the first low
level must be delayed to (B). (C) marks a stop bit of full length. The early start bit detec-
tion influences the operational range of the Receiver.
Asynchronous Operational
Range
The operational range of the Receiver is dependent on the mismatch between the
received bit rate and the internally generated baud rate. If the Transmitter is sending
frames at too fast or too slow bit rates, or the internally generated baud rate of the
Receiver does not have a similar (see Table 65) base frequency, the Receiver will not
be able to synchronize the frames to the start bit.
The following equations can be used to calculate the ratio of the incoming data rate and
internal receiver baud rate.
D
Sum of character size and parity size (D = 5 to 10 bit)
S
Samples per bit. S = 16 for Normal Speed mode and S = 8 for Double Speed
mode.
S
F
First sample number used for majority voting. S
F = 8 for normal speed and SF = 4
for Double Speed mode.
S
M
Middle sample number used for majority voting. S
M = 9 for normal speed and
S
M = 5 for Double Speed mode.
R
slow is the ratio of the slowest incoming data rate that can be accepted in relation to the
receiver baud rate. R
fast is the ratio of the fastest incoming data rate that can be
accepted in relation to the receiver baud rate.
Table 65 and Table 66 list the maximum receiver baud rate error that can be tolerated.
Note that Normal Speed mode has higher toleration of baud rate variations.
12
34
56
7
8
9
10
0/1
0/1
0/1
STOP 1
123
4
5
6
0/1
RxD
Sample
(U2X = 0)
Sample
(U2X = 1)
(A)
(B)
(C)
Rslow
D 1
+
()S
S 1
–
DS
⋅
SF
++
-------------------------------------------
=
Rfast
D 2
+
()S
D 1
+
()SS
M
+
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com