Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 206 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 206 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 202Page - ATMEL Corporation ATmega165 Datasheet HTML 203Page - ATMEL Corporation ATmega165 Datasheet HTML 204Page - ATMEL Corporation ATmega165 Datasheet HTML 205Page - ATMEL Corporation ATmega165 Datasheet HTML 206Page - ATMEL Corporation ATmega165 Datasheet HTML 207Page - ATMEL Corporation ATmega165 Datasheet HTML 208Page - ATMEL Corporation ATmega165 Datasheet HTML 209Page - ATMEL Corporation ATmega165 Datasheet HTML 210Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 336 page
background image
206
ATmega165/V
2573G–AVR–07/09
JTAG Interface and
On-chip Debug
System
Features
• JTAG (IEEE std. 1149.1 Compliant) Interface
• Boundary-scan Capabilities According to the IEEE std. 1149.1 (JTAG) Standard
• Debugger Access to:
–All Internal Peripheral Units
–Internal and External RAM
–The Internal Register File
–Program Counter
–EEPROM and Flash Memories
• Extensive On-chip Debug Support for Break Conditions, Including
–AVR Break Instruction
–Break on Change of Program Memory Flow
–Single Step Break
–Program Memory Break Points on Single Address or Address Range
–Data Memory Break Points on Single Address or Address Range
• Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• On-chip Debugging Supported by AVR Studio®
Overview
The AVR IEEE std. 1149.1 compliant JTAG interface can be used for
•
Testing PCBs by using the JTAG Boundary-scan capability
•
Programming the non-volatile memories, Fuses and Lock bits
•
On-chip debugging
A brief description is given in the following sections. Detailed descriptions for Program-
ming via the JTAG interface, and using the Boundary-scan Chain can be found in the
sections “Programming via the JTAG Interface” on page 266 and “IEEE 1149.1 (JTAG)
Boundary-scan” on page 212, respectively. The On-chip Debug support is considered
being private JTAG instructions, and distributed within ATMEL and to selected third
party vendors only.
Figure 97 shows a block diagram of the JTAG interface and the On-chip Debug system.
The TAP Controller is a state machine controlled by the TCK and TMS signals. The TAP
Controller selects either the JTAG Instruction Register or one of several Data Registers
as the scan chain (Shift Register) between the TDI – input and TDO – output. The
Instruction Register holds JTAG instructions controlling the behavior of a Data Register.
The ID-Register, Bypass Register, and the Boundary-scan Chain are the Data Registers
used for board-level testing. The JTAG Programming Interface (actually consisting of
several physical and virtual Data Registers) is used for serial programming via the JTAG
interface. The Internal Scan Chain and Break Point Scan Chain are used for On-chip
debugging only.
Test Access Port – TAP
The JTAG interface is accessed through four of the AVR’s pins. In JTAG terminology,
these pins constitute the Test Access Port – TAP. These pins are:
•
TMS: Test mode select. This pin is used for navigating through the TAP-controller
state machine.
•
TCK: Test Clock. JTAG operation is synchronous to TCK.
•
TDI: Test Data In. Serial input data to be shifted in to the Instruction Register or Data
Register (Scan Chains).
•
TDO: Test Data Out. Serial output data from Instruction Register or Data Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com