Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 202 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 202 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 198Page - ATMEL Corporation ATmega165 Datasheet HTML 199Page - ATMEL Corporation ATmega165 Datasheet HTML 200Page - ATMEL Corporation ATmega165 Datasheet HTML 201Page - ATMEL Corporation ATmega165 Datasheet HTML 202Page - ATMEL Corporation ATmega165 Datasheet HTML 203Page - ATMEL Corporation ATmega165 Datasheet HTML 204Page - ATMEL Corporation ATmega165 Datasheet HTML 205Page - ATMEL Corporation ATmega165 Datasheet HTML 206Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 336 page
background image
202
ATmega165/V
2573G–AVR–07/09
• Bits 4:0 – MUX4:0: Analog Channel Selection Bits
The value of these bits selects which combination of analog inputs are connected to the
ADC. See Table 83 for details. If these bits are changed during a conversion, the
change will not go in effect until this conversion is complete (ADIF in ADCSRA is set).
Table 83. Input Channel Selections
MUX4..0
Single Ended Input
Positive Differential Input
Negative Differential Input
00000
ADC0
N/A
00001
ADC1
00010
ADC2
00011
ADC3
00100
ADC4
00101
ADC5
00110
ADC6
00111
ADC7
01000
01001
01010
01011
01100
01101
01110
01111
10000
ADC0
ADC1
10001
ADC1
ADC1
10010
N/A
ADC2
ADC1
10011
ADC3
ADC1
10100
ADC4
ADC1
10101
ADC5
ADC1
10110
ADC6
ADC1
10111
ADC7
ADC1
11000
ADC0
ADC2
11001
ADC1
ADC2
11010
ADC2
ADC2
11011
ADC3
ADC2
11100
ADC4
ADC2
11101
ADC5
ADC2
11110
1.1V (V
BG)
N/A
11111
0V (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com