Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 200 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 200 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 196Page - ATMEL Corporation ATmega165 Datasheet HTML 197Page - ATMEL Corporation ATmega165 Datasheet HTML 198Page - ATMEL Corporation ATmega165 Datasheet HTML 199Page - ATMEL Corporation ATmega165 Datasheet HTML 200Page - ATMEL Corporation ATmega165 Datasheet HTML 201Page - ATMEL Corporation ATmega165 Datasheet HTML 202Page - ATMEL Corporation ATmega165 Datasheet HTML 203Page - ATMEL Corporation ATmega165 Datasheet HTML 204Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 336 page
background image
200
ATmega165/V
2573G–AVR–07/09
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in
the ADC Result Registers (ADCL, ADCH).
For single ended conversion, the result is
where V
IN is the voltage on the selected input pin and VREF the selected voltage refer-
ence (see Table 82 on page 201 and Table 83 on page 202). 0x000 represents analog
ground, and 0x3FF represents the selected reference voltage minus one LSB.
Figure 96. Differential Measurement Range
ADC
VIN 1024
⋅
VREF
--------------------------
=
ADC
VPOS VNEG
–
() 512
⋅
VREF
-----------------------------------------------------
=
0
Output Code
0x1FF
0x000
V
REF
Differential Input
Voltage (Volts)
0x3FF
0x200
- V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com