Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 201 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 201 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 197Page - ATMEL Corporation ATmega165 Datasheet HTML 198Page - ATMEL Corporation ATmega165 Datasheet HTML 199Page - ATMEL Corporation ATmega165 Datasheet HTML 200Page - ATMEL Corporation ATmega165 Datasheet HTML 201Page - ATMEL Corporation ATmega165 Datasheet HTML 202Page - ATMEL Corporation ATmega165 Datasheet HTML 203Page - ATMEL Corporation ATmega165 Datasheet HTML 204Page - ATMEL Corporation ATmega165 Datasheet HTML 205Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 336 page
background image
201
ATmega165/V
2573G–AVR–07/09
ADMUX = 0xFB (ADC3 - ADC2, 1.1V reference, left adjusted result)
Voltage on ADC3 is 300 mV, voltage on ADC2 is 500 mV.
ADCR = 512 * (300 - 500) / 1100 = -93 = 0x3A3
.
ADCL will thus read 0xC0, and ADCH will read 0xD8. Writing zero to ADLAR right
adjusts the result: ADCL = 0xA3, ADCH = 0x03.
ADC Multiplexer Selection
Register – ADMUX
• Bit 7:6 – REFS1:0: Reference Selection Bits
These bits select the voltage reference for the ADC, as shown in Table 82. If these bits
are changed during a conversion, the change will not go in effect until this conversion is
complete (ADIF in ADCSRA is set). The internal voltage reference options may not be
used if an external reference voltage is being applied to the AREF pin.
•
Bit 5 – ADLAR: ADC Left Adjust Result
The ADLAR bit affects the presentation of the ADC conversion result in the ADC Data
Register. Write one to ADLAR to left adjust the result. Otherwise, the result is right
adjusted. Changing the ADLAR bit will affect the ADC Data Register immediately,
regardless of any ongoing conversions. For a complete description of this bit, see “The
ADC Data Register – ADCL and ADCH” on page 204.
Table 81. Correlation Between Input Voltage and Output Codes
V
ADCn
Read Code
Corresponding Decimal Value
V
ADCm + VREF
0x1FF
511
VADCm +
511/
512 VREF
0x1FF
511
V
ADCm +
510/
512 VREF
0x1FE
510
...
...
...
VADCm +
1/
512 VREF
0x001
1
V
ADCm
0x000
0
VADCm -
1/
512 VREF
0x3FF
-1
...
...
...
V
ADCm -
511/
512 VREF
0x201
-511
VADCm - VREF
0x200
-512
Bit
7654
321
0
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
ADMUX
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Table 82. Voltage Reference Selections for ADC
REFS1
REFS0
Voltage Reference Selection
0
0
AREF, Internal Vref turned off
0
1
AVCC with external capacitor at AREF pin
10
Reserved
1
1
Internal 1.1V Voltage Reference with external capacitor at AREF pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com