Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 219 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 219 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 215Page - ATMEL Corporation ATmega165 Datasheet HTML 216Page - ATMEL Corporation ATmega165 Datasheet HTML 217Page - ATMEL Corporation ATmega165 Datasheet HTML 218Page - ATMEL Corporation ATmega165 Datasheet HTML 219Page - ATMEL Corporation ATmega165 Datasheet HTML 220Page - ATMEL Corporation ATmega165 Datasheet HTML 221Page - ATMEL Corporation ATmega165 Datasheet HTML 222Page - ATMEL Corporation ATmega165 Datasheet HTML 223Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 336 page
background image
219
ATmega165/V
2573G–AVR–07/09
Scanning the Clock Pins
The AVR devices have many clock options selectable by fuses. These are: Internal RC
Oscillator, External Clock, (High Frequency) Crystal Oscillator, Low-frequency Crystal
Oscillator, and Ceramic Resonator.
Figure 104 shows how each Oscillator with external connection is supported in the scan
chain. The Enable signal is supported with a general Boundary-scan cell, while the
Oscillator/clock output is attached to an observe-only cell. In addition to the main clock,
the timer Oscillator is scanned in the same way. The output from the internal RC Oscilla-
tor is not scanned, as this Oscillator does not have external connections.
Figure 104. Boundary-scan Cells for Oscillators and Clock Options
Table 86 summaries the scan registers for the external clock pin XTAL1, oscillators with
XTAL1/XTAL2 connections as well as 32kHz Timer Oscillator.
Notes:
1. Do not enable more than one clock source as main clock at a time.
2. Scanning an Oscillator output gives unpredictable results as there is a frequency drift
between the internal Oscillator and the JTAG TCK clock. If possible, scanning an
external clock is preferred.
3. The clock configuration is programmed by fuses. As a fuse is not changed run-time,
the clock configuration is considered fixed for a given application. The user is advised
to scan the same clock option as to be used in the final system. The enable signals
are supported in the scan chain because the system logic can disable clock options
in sleep modes, thereby disconnecting the Oscillator pins from the scan path if not
provided.
Table 86. Scan Signals for the Oscillator
(1)(2)(3)
Enable Signal
Scanned Clock Line
Clock Option
Scanned Clock
Line when not
Used
EXTCLKEN
EXTCLK (XTAL1)
External Clock
0
OSCON
OSCCK
External Crystal
External Ceramic Resonator
1
OSC32EN
OSC32CK
Low Freq. External Crystal
1
0
1
DQ
From
Previous
Cell
ClockDR
ShiftDR
To
Next
Cell
To System Logic
FF1
0
1
DQ
DQ
G
0
1
From
Previous
Cell
ClockDR
UpdateDR
ShiftDR
To
Next
Cell
EXTEST
From Digital Logic
XTAL1/TOSC1
XTAL2/TOSC2
Oscillator
ENABLE
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com