Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 220 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 220 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 216Page - ATMEL Corporation ATmega165 Datasheet HTML 217Page - ATMEL Corporation ATmega165 Datasheet HTML 218Page - ATMEL Corporation ATmega165 Datasheet HTML 219Page - ATMEL Corporation ATmega165 Datasheet HTML 220Page - ATMEL Corporation ATmega165 Datasheet HTML 221Page - ATMEL Corporation ATmega165 Datasheet HTML 222Page - ATMEL Corporation ATmega165 Datasheet HTML 223Page - ATMEL Corporation ATmega165 Datasheet HTML 224Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 336 page
background image
220
ATmega165/V
2573G–AVR–07/09
Scanning the Analog
Comparator
The relevant Comparator signals regarding Boundary-scan are shown in Figure 105.
The Boundary-scan cell from Figure 106 is attached to each of these signals. The sig-
nals are described in Table 87.
The Comparator need not be used for pure connectivity testing, since all analog inputs
are shared with a digital port pin as well.
Figure 105. Analog Comparator
Figure 106. General Boundary-scan cell Used for Signals for Comparator and ADC
ACBG
BANDGAP
REFERENCE
ADC MULTIPLEXER
OUTPUT
ACME
AC_IDLE
ACO
ADCEN
ACD
0
1
DQ
DQ
G
0
1
From
Previous
Cell
ClockDR
UpdateDR
ShiftDR
To
Next
Cell
EXTEST
To Analog Circuitry/
To Digital Logic
From Digital Logic/
From Analog Ciruitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com