Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 243 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 243 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 239Page - ATMEL Corporation ATmega165 Datasheet HTML 240Page - ATMEL Corporation ATmega165 Datasheet HTML 241Page - ATMEL Corporation ATmega165 Datasheet HTML 242Page - ATMEL Corporation ATmega165 Datasheet HTML 243Page - ATMEL Corporation ATmega165 Datasheet HTML 244Page - ATMEL Corporation ATmega165 Datasheet HTML 245Page - ATMEL Corporation ATmega165 Datasheet HTML 246Page - ATMEL Corporation ATmega165 Datasheet HTML 247Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 336 page
background image
243
ATmega165/V
2573G–AVR–07/09
Simple Assembly Code
Example for a Boot Loader
;-the routine writes one page of data from RAM to Flash
; the first data location in RAM is pointed to by the Y pointer
; the first data location in Flash is pointed to by the Z-pointer
;-error handling is not included
;-the routine must be placed inside the Boot space
; (at least the Do_spm sub routine). Only code inside NRWW section can
; be read during Self-Programming (Page Erase and Page Write).
;-registers used: r0, r1, temp1 (r16), temp2 (r17), looplo (r24),
; loophi (r25), spmcrval (r20)
; storing and restoring of registers is not included in the routine
; register usage can be optimized at the expense of code size
;-It is assumed that either the interrupt table is moved to the Boot
; loader section or that the interrupts are disabled.
.equ
PAGESIZEB = PAGESIZE*2
;PAGESIZEB is page size in BYTES, not words
.org SMALLBOOTSTART
Write_page:
; Page Erase
ldi
spmcrval, (1<<PGERS) | (1<<SPMEN)
call
Do_spm
; re-enable the RWW section
ldi
spmcrval, (1<<RWWSRE) | (1<<SPMEN)
call
Do_spm
; transfer data from RAM to Flash page buffer
ldi
looplo, low(PAGESIZEB)
;init loop variable
ldi
loophi, high(PAGESIZEB)
;not required for PAGESIZEB<=256
Wrloop:
ld
r0, Y+
ld
r1, Y+
ldi
spmcrval, (1<<SPMEN)
call
Do_spm
adiw
ZH:ZL, 2
sbiw
loophi:looplo, 2
;use subi for PAGESIZEB<=256
brne
Wrloop
; execute Page Write
subi
ZL, low(PAGESIZEB)
;restore pointer
sbci
ZH, high(PAGESIZEB)
;not required for PAGESIZEB<=256
ldi
spmcrval, (1<<PGWRT) | (1<<SPMEN)
call
Do_spm
; re-enable the RWW section
ldi
spmcrval, (1<<RWWSRE) | (1<<SPMEN)
call
Do_spm
; read back and check, optional
ldi
looplo, low(PAGESIZEB)
;init loop variable
ldi
loophi, high(PAGESIZEB)
;not required for PAGESIZEB<=256
subi
YL, low(PAGESIZEB)
;restore pointer
sbci
YH, high(PAGESIZEB)
Rdloop:
lpm
r0, Z+
ld
r1, Y+
cpse
r0, r1
jmp
Error
sbiw
loophi:looplo, 1
;use subi for PAGESIZEB<=256
brne
Rdloop
; return to RWW section
; verify that RWW section is safe to read
Return:
in
temp1, SPMCSR
sbrs
temp1, RWWSB
; If RWWSB is set, the RWW section is not ready yet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com