Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 247 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 247 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 243Page - ATMEL Corporation ATmega165 Datasheet HTML 244Page - ATMEL Corporation ATmega165 Datasheet HTML 245Page - ATMEL Corporation ATmega165 Datasheet HTML 246Page - ATMEL Corporation ATmega165 Datasheet HTML 247Page - ATMEL Corporation ATmega165 Datasheet HTML 248Page - ATMEL Corporation ATmega165 Datasheet HTML 249Page - ATMEL Corporation ATmega165 Datasheet HTML 250Page - ATMEL Corporation ATmega165 Datasheet HTML 251Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 336 page
background image
247
ATmega165/V
2573G–AVR–07/09
Notes:
1. Program the Fuse bits and Boot Lock bits before programming the LB1 and LB2.
2. “1” means unprogrammed, “0” means programmed
Fuse Bits
The ATmega165 has three Fuse bytes. Table 101 - Table 103 describe briefly the func-
tionality of all the fuses and how they are mapped into the Fuse bytes. Note that the
fuses are read as logical zero, “0”, if they are programmed.
Notes:
1. See Table 17 on page 40 for BODLEVEL Fuse decoding.
2. This bit should never be programmed.
11
1
No restrictions for SPM or LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
30
0
SPM is not allowed to write to the Boot Loader section,
and LPM executing from the Application section is not
allowed to read from the Boot Loader section. If Interrupt
Vectors are placed in the Application section, interrupts
are disabled while executing from the Boot Loader section.
40
1
LPM executing from the Application section is not allowed
to read from the Boot Loader section. If Interrupt Vectors
are placed in the Application section, interrupts are
disabled while executing from the Boot Loader section.
Table 100. Lock Bit Protection Modes
(1)(2) (Continued)
Memory Lock Bits
Protection Type
Table 101. Extended Fuse Byte
Fuse Low Byte
Bit No
Description
Default Value
–7
–
1
–6
–
1
–5
–
1
–4
–
1
BODLEVEL2(1)
3
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1(1)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0(1)
1
Brown-out Detector trigger level
1 (unprogrammed)
RESERVED(2)
0
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com