Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 248 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 248 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 244Page - ATMEL Corporation ATmega165 Datasheet HTML 245Page - ATMEL Corporation ATmega165 Datasheet HTML 246Page - ATMEL Corporation ATmega165 Datasheet HTML 247Page - ATMEL Corporation ATmega165 Datasheet HTML 248Page - ATMEL Corporation ATmega165 Datasheet HTML 249Page - ATMEL Corporation ATmega165 Datasheet HTML 250Page - ATMEL Corporation ATmega165 Datasheet HTML 251Page - ATMEL Corporation ATmega165 Datasheet HTML 252Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 336 page
background image
248
ATmega165/V
2573G–AVR–07/09
Notes:
1. The SPIEN Fuse is not accessible in serial programming mode.
2. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 96 on
page 244 for details.
3. See “Watchdog Timer Control Register – WDTCR” on page 43 for details.
4. Never ship a product with the OCDEN Fuse programmed regardless of the setting of
Lock bits and JTAGEN Fuse. A programmed OCDEN Fuse enables some parts of the
clock system to be running in all sleep modes. This may increase the power
consumption.
5. If the JTAG interface is left unconnected, the JTAGEN fuse should if possible be dis-
abled. This to avoid static current at the TDO pin in the JTAG interface.
Notes:
1. The default value of SUT1..0 results in maximum start-up time for the default clock
source. See Table 16 on page 38 for details.
2. The default setting of CKSEL3..0 results in internal RC Oscillator @ 8 MHz. See
Table 6 on page 26 for details.
3. The CKOUT Fuse allow the system clock to be output on PORTE7. See “Clock Out-
put Buffer” on page 29 for details.
4. See “System Clock Prescaler” on page 29 for details.
Table 102. Fuse High Byte
Fuse High
Byte
Bit
No
Description
Default Value
OCDEN(4)
7
Enable OCD
1 (unprogrammed, OCD
disabled)
JTAGEN(5)
6
Enable JTAG
0 (programmed, JTAG
enabled)
SPIEN(1)
5
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON(3)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BOOTSZ1
2
Select Boot Size (see Table 96 for
details)
0 (programmed)(2)
BOOTSZ0
1
Select Boot Size (see Table 96 for
details)
0 (programmed)(2)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)
Table 103. Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8(4)
7
Divide clock by 8
0 (programmed)
CKOUT(3)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)(1)
SUT0
4
Select start-up time
0 (programmed)(1)
CKSEL3
3
Select Clock source
0 (programmed)(2)
CKSEL2
2
Select Clock source
0 (programmed)(2)
CKSEL1
1
Select Clock source
1 (unprogrammed)(2)
CKSEL0
0
Select Clock source
0 (programmed)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com