Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 284 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 284 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 280Page - ATMEL Corporation ATmega165 Datasheet HTML 281Page - ATMEL Corporation ATmega165 Datasheet HTML 282Page - ATMEL Corporation ATmega165 Datasheet HTML 283Page - ATMEL Corporation ATmega165 Datasheet HTML 284Page - ATMEL Corporation ATmega165 Datasheet HTML 285Page - ATMEL Corporation ATmega165 Datasheet HTML 286Page - ATMEL Corporation ATmega165 Datasheet HTML 287Page - ATMEL Corporation ATmega165 Datasheet HTML 288Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 336 page
background image
284
ATmega165/V
2573G–AVR–07/09
ADC Characteristics – Preliminary Data
Note:
1. VDIFF must be below VREF
Table 119. ADC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Single Ended Conversion
10
Bits
Differential Conversion
8
Bits
Absolute accuracy (Including
INL, DNL, quantization error,
gain and offset error)
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
22.5
LSB
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 1 MHz
4.5
LSB
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
Noise Reduction Mode
2LSB
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 1 MHz
Noise Reduction Mode
4.5
LSB
Integral Non-Linearity (INL)
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.5
LSB
Differential Non-Linearity (DNL)
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.25
LSB
Gain Error
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
2LSB
Offset Error
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
2LSB
Conversion Time
Free Running Conversion
13
260
µs
Clock Frequency
Single Ended Conversion
50
1000
kHz
AVCC
Analog Supply Voltage
VCC - 0.3
VCC + 0.3
V
VREF
Reference Voltage
Single Ended Conversion
1.0
AVCC
V
Differential Conversion
1.0
AVCC - 0.5
V
V
IN
Input Voltage
Single ended channels
GND
VREF
V
Differential Conversion
0
AVCC(1)
V
Input Bandwidth
Single Ended Channels
38,5
kHz
Differential Channels
4
kHz
V
INT
Internal Voltage Reference
1.0
1.1
1.2
V
RREF
Reference Input Resistance
32
k
Ω
RAIN
Analog Input Resistance
100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com