Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 282 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 282 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 278Page - ATMEL Corporation ATmega165 Datasheet HTML 279Page - ATMEL Corporation ATmega165 Datasheet HTML 280Page - ATMEL Corporation ATmega165 Datasheet HTML 281Page - ATMEL Corporation ATmega165 Datasheet HTML 282Page - ATMEL Corporation ATmega165 Datasheet HTML 283Page - ATMEL Corporation ATmega165 Datasheet HTML 284Page - ATMEL Corporation ATmega165 Datasheet HTML 285Page - ATMEL Corporation ATmega165 Datasheet HTML 286Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 336 page
background image
282
ATmega165/V
2573G–AVR–07/09
Figure 128. Maximum Frequency vs. V
CC, ATmega165V
Figure 129. Maximum Frequency vs. V
CC, ATmega165
SPI Timing
Characteristics
See Figure 130 and Figure 131 for details.
8 MHz
4 MHz
1.8V
2.7V
5.5V
Safe Operating Area
16 MHz
8 MHz
2.7V
4.5V
5.5V
Safe Operating Area
Table 118. SPI Timing Parameters
Description
Mode
Min
Typ
Max
1
SCK period
Master
See Table 62
ns
2
SCK high/low
Master
50% duty cycle
3
Rise/Fall time
Master
3.6
4
Setup
Master
10
5Hold
Master
10
6
Out to SCK
Master
0.5 • tsck
7
SCK to out
Master
10
8
SCK to out high
Master
10
9SS low to out
Slave
15
10
SCK period
Slave
4 • tck
11
SCK high/low(1)
Slave
2 • tck
12
Rise/Fall time
Slave
1.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com