Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 278 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 278 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 274Page - ATMEL Corporation ATmega165 Datasheet HTML 275Page - ATMEL Corporation ATmega165 Datasheet HTML 276Page - ATMEL Corporation ATmega165 Datasheet HTML 277Page - ATMEL Corporation ATmega165 Datasheet HTML 278Page - ATMEL Corporation ATmega165 Datasheet HTML 279Page - ATMEL Corporation ATmega165 Datasheet HTML 280Page - ATMEL Corporation ATmega165 Datasheet HTML 281Page - ATMEL Corporation ATmega165 Datasheet HTML 282Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 336 page
background image
278
ATmega165/V
2573G–AVR–07/09
Programming the Lock Bits
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Lock bit write using programming instruction 7a.
3.
Load data using programming instructions 7b. A bit value of “0” will program the
corresponding lock bit, a “1” will leave the lock bit unchanged.
4.
Write Lock bits using programming instruction 7c.
5.
Poll for Lock bit write complete using programming instruction 7d, or wait for
t
WLRH (refer to Table 112 on page 259).
Reading the Fuses and Lock
Bits
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Fuse/Lock bit read using programming instruction 8a.
3.
To read all Fuses and Lock bits, use programming instruction 8e.
To only read Fuse High byte, use programming instruction 8b.
To only read Fuse Low byte, use programming instruction 8c.
To only read Lock bits, use programming instruction 8d.
Reading the Signature Bytes
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Signature byte read using programming instruction 9a.
3.
Load address 0x00 using programming instruction 9b.
4.
Read first signature byte using programming instruction 9c.
5.
Repeat steps 3 and 4 with address 0x01 and address 0x02 to read the second
and third signature bytes, respectively.
Reading the Calibration Byte
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Calibration byte read using programming instruction 10a.
3.
Load address 0x00 using programming instruction 10b.
4.
Read the calibration byte using programming instruction 10c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com