Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 276 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 276 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 272Page - ATMEL Corporation ATmega165 Datasheet HTML 273Page - ATMEL Corporation ATmega165 Datasheet HTML 274Page - ATMEL Corporation ATmega165 Datasheet HTML 275Page - ATMEL Corporation ATmega165 Datasheet HTML 276Page - ATMEL Corporation ATmega165 Datasheet HTML 277Page - ATMEL Corporation ATmega165 Datasheet HTML 278Page - ATMEL Corporation ATmega165 Datasheet HTML 279Page - ATMEL Corporation ATmega165 Datasheet HTML 280Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 336 page
background image
276
ATmega165/V
2573G–AVR–07/09
Programming the Flash
Before programming the Flash a Chip Erase must be performed, see “Performing Chip
Erase” on page 275.
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash write using programming instruction 2a.
3.
Load address High byte using programming instruction 2b.
4.
Load address Low byte using programming instruction 2c.
5.
Load data using programming instructions 2d, 2e and 2f.
6.
Repeat steps 4 and 5 for all instruction words in the page.
7.
Write the page using programming instruction 2g.
8.
Poll for Flash write complete using programming instruction 2h, or wait for t
WLRH
(refer to Table 112 on page 259).
9.
Repeat steps 3 to 7 until all data have been programmed.
A more efficient data transfer can be achieved using the PROG_PAGELOAD
instruction:
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash write using programming instruction 2a.
3.
Load the page address using programming instructions 2b and 2c. PCWORD
(refer to Table 105 on page 249) is used to address within one page and must be
written as 0.
4.
Enter JTAG instruction PROG_PAGELOAD.
5.
Load the entire page by shifting in all instruction words in the page byte-by-byte,
starting with the LSB of the first instruction in the page and ending with the MSB
of the last instruction in the page. Use Update-DR to copy the contents of the
Flash Data Byte Register into the Flash page location and to auto-increment the
Program Counter before each new word.
6.
Enter JTAG instruction PROG_COMMANDS.
7.
Write the page using programming instruction 2g.
8.
Poll for Flash write complete using programming instruction 2h, or wait for t
WLRH
(refer to Table 112 on page 259).
9.
Repeat steps 3 to 8 until all data have been programmed.
Reading the Flash
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash read using programming instruction 3a.
3.
Load address using programming instructions 3b and 3c.
4.
Read data using programming instruction 3d.
5.
Repeat steps 3 and 4 until all data have been read.
A more efficient data transfer can be achieved using the PROG_PAGEREAD
instruction:
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash read using programming instruction 3a.
3.
Load the page address using programming instructions 3b and 3c. PCWORD
(refer to Table 105 on page 249) is used to address within one page and must be
written as 0.
4.
Enter JTAG instruction PROG_PAGEREAD.
5.
Read the entire page (or Flash) by shifting out all instruction words in the page
(or Flash), starting with the LSB of the first instruction in the page (Flash) and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com