Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 279 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 279 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 275Page - ATMEL Corporation ATmega165 Datasheet HTML 276Page - ATMEL Corporation ATmega165 Datasheet HTML 277Page - ATMEL Corporation ATmega165 Datasheet HTML 278Page - ATMEL Corporation ATmega165 Datasheet HTML 279Page - ATMEL Corporation ATmega165 Datasheet HTML 280Page - ATMEL Corporation ATmega165 Datasheet HTML 281Page - ATMEL Corporation ATmega165 Datasheet HTML 282Page - ATMEL Corporation ATmega165 Datasheet HTML 283Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 336 page
background image
279
ATmega165/V
2573G–AVR–07/09
Electrical Characteristics
Absolute Maximum Ratings*
DC Characteristics
Operating Temperature....................................-55
⋅C to +125⋅C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 400.0 mA
T
A = -40⋅C to 85⋅C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage, Except
XTAL1 and RESET pins
VCC = 1.8V - 2.4V
V
CC = 2.4V - 5.5V
-0.5
-0.5
0.2VCC
(1)
0.3V
CC
(1)
V
VIL1
Input Low Voltage, XTAL1
pin
V
CC = 1.8V - 5.5V
-0.5
0.1V
CC
(1)
V
VIH
Input High Voltage,
Except XTAL1 and
RESET pins
V
CC = 1.8V - 2.4V
V
CC = 2.4V - 5.5V
0.7V
CC
(2)
0.6V
CC
(2)
V
CC + 0.5
V
CC + 0.5
V
VIH1
Input High Voltage,
XTAL1 pin
V
CC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
0.8V
CC
(2)
0.7VCC
(2)
V
CC + 0.5
VCC + 0.5
V
VIH2
Input High Voltage,
RESET pin
VCC = 1.8V - 5.5V
0.9VCC
(2)
VCC + 0.5
V
VOL
Output Low Voltage(3),
Port A, C, D, E, F, G
IOL = 10mA, VCC = 5V
IOL = 5mA, VCC = 3V
0.7
0.5
V
VOL1
Output Low Voltage(3),
Port B
IOL = 20mA, VCC = 5V
IOL = 10mA, VCC = 3V
0.7
0.5
V
VOH
Output High Voltage(4),
Port A, C, D, E, F, G
IOH = -10mA, VCC = 5V
IOH = -5mA, VCC = 3V
4.2
2.3
V
VOH1
Output High Voltage(4),
Port B
IOH = -20mA, VCC = 5V
IOH = -10mA, VCC = 3V
4.2
2.3
V
IIL
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin high
(absolute value)
1µA
RRST
Reset Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com