Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 277 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 277 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 273Page - ATMEL Corporation ATmega165 Datasheet HTML 274Page - ATMEL Corporation ATmega165 Datasheet HTML 275Page - ATMEL Corporation ATmega165 Datasheet HTML 276Page - ATMEL Corporation ATmega165 Datasheet HTML 277Page - ATMEL Corporation ATmega165 Datasheet HTML 278Page - ATMEL Corporation ATmega165 Datasheet HTML 279Page - ATMEL Corporation ATmega165 Datasheet HTML 280Page - ATMEL Corporation ATmega165 Datasheet HTML 281Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 336 page
background image
277
ATmega165/V
2573G–AVR–07/09
ending with the MSB of the last instruction in the page (Flash). The Capture-DR
state both captures the data from the Flash, and also auto-increments the pro-
gram counter after each word is read. Note that Capture-DR comes before the
shift-DR state. Hence, the first byte which is shifted out contains valid data.
6.
Enter JTAG instruction PROG_COMMANDS.
7.
Repeat steps 3 to 6 until all data have been read.
Programming the EEPROM
Before programming the EEPROM a Chip Erase must be performed, see “Performing
Chip Erase” on page 275.
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable EEPROM write using programming instruction 4a.
3.
Load address High byte using programming instruction 4b.
4.
Load address Low byte using programming instruction 4c.
5.
Load data using programming instructions 4d and 4e.
6.
Repeat steps 4 and 5 for all data bytes in the page.
7.
Write the data using programming instruction 4f.
8.
Poll for EEPROM write complete using programming instruction 4g, or wait for
t
WLRH (refer to Table 112 on page 259).
9.
Repeat steps 3 to 8 until all data have been programmed.
Note that the PROG_PAGELOAD instruction can not be used when programming the
EEPROM.
Reading the EEPROM
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable EEPROM read using programming instruction 5a.
3.
Load address using programming instructions 5b and 5c.
4.
Read data using programming instruction 5d.
5.
Repeat steps 3 and 4 until all data have been read.
Note that the PROG_PAGEREAD instruction can not be used when reading the
EEPROM.
Programming the Fuses
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Fuse write using programming instruction 6a.
3.
Load data high byte using programming instructions 6b. A bit value of “0” will pro-
gram the corresponding fuse, a “1” will unprogram the fuse.
4.
Write Fuse High byte using programming instruction 6c.
5.
Poll for Fuse write complete using programming instruction 6d, or wait for t
WLRH
(refer to Table 112 on page 259).
6.
Load data low byte using programming instructions 6e. A “0” will program the
fuse, a “1” will unprogram the fuse.
7.
Write Fuse low byte using programming instruction 6f.
8.
Poll for Fuse write complete using programming instruction 6g, or wait for t
WLRH
(refer to Table 112 on page 259).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com