Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 30Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 31Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 32Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 33Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 34Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 35Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 36Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 37Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
R8C/36A Group
5. Electrical Characteristics
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 34 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Notes:
1. The measurement condition is VCC = 1.8 to 5.5 V and Topr =
−20 to 85°C (N version).
2. Select the voltage detection level with bits VDSEL0 and VDSEL1 in the OFS register.
3. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA25 bit in the VCA2
register to 0.
4. Time until the voltage monitor 0 reset is generated after the voltage passes Vdet0.
Notes:
1. The measurement condition is VCC = 1.8 to 5.5 V and Topr =
−20 to 85°C (N version).
2. Select the voltage detection level with bits VD1S0 to VD1S3 in the VD1LS register.
3. Time until the voltage monitor 1 interrupt request is generated after the voltage passes Vdet1.
4. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2
register to 0.
Table 5.9
Voltage Detection 0 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level Vdet0_0 (2)
1.80
1.90
2.05
V
Voltage detection level Vdet0_1 (2)
2.15
2.35
2.50
V
Voltage detection level Vdet0_2 (2)
2.65
2.85
3.00
V
Voltage detection level Vdet0_3 (2)
3.55
3.80
4.05
V
—
Voltage detection 0 circuit response time (4)
At the falling of VCC from
5.0 V to (Vdet0_0
− 0.1) V
—
6
150
µs
—
Voltage detection circuit self power consumption
VCA25 = 1, VCC = 5.0 V
—
1.5
—
µA
td(E-A)
Waiting time until voltage detection circuit operation
starts (3)
—
—
100
µs
Table 5.10
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level Vdet1_0 (2)
At the falling of VCC
2.00
2.20
2.40
V
Voltage detection level Vdet1_1 (2)
At the falling of VCC
2.15
2.35
2.55
V
Voltage detection level Vdet1_2 (2)
At the falling of VCC
2.30
2.50
2.70
V
Voltage detection level Vdet1_3 (2)
At the falling of VCC
2.45
2.65
2.85
V
Voltage detection level Vdet1_4 (2)
At the falling of VCC
2.60
2.80
3.00
V
Voltage detection level Vdet1_5 (2)
At the falling of VCC
2.75
2.95
3.15
V
Voltage detection level Vdet1_6 (2)
At the falling of VCC
2.90
3.10
3.30
V
Voltage detection level Vdet1_7 (2)
At the falling of VCC
3.05
3.25
3.45
V
Voltage detection level Vdet1_8 (2)
At the falling of VCC
3.20
3.40
3.60
V
Voltage detection level Vdet1_9 (2)
At the falling of VCC
3.35
3.55
3.75
V
Voltage detection level Vdet1_A (2)
At the falling of VCC
3.50
3.70
3.90
V
Voltage detection level Vdet1_B (2)
At the falling of VCC
3.65
3.85
4.05
V
Voltage detection level Vdet1_C (2)
At the falling of VCC
3.80
4.00
4.20
V
Voltage detection level Vdet1_D (2)
At the falling of VCC
3.95
4.15
4.35
V
Voltage detection level Vdet1_E (2)
At the falling of VCC
4.10
4.30
4.50
V
Voltage detection level Vdet1_F (2)
At the falling of VCC
4.25
4.45
4.65
V
—
Hysteresis width at the rising of VCC in voltage
detection 1 circuit
Vdet1_0 to Vdet1_5
selected
—0.07—
V
Vdet1_6 to Vdet1_F
selected
—0.10—
V
—
Voltage detection 1 circuit response time (3)
At the falling of VCC from
5.0 V to (Vdet1_0
− 0.1) V
—
60
150
µs
—
Voltage detection circuit self power consumption
VCA26 = 1, VCC = 5.0 V
—
1.7
—
µA
td(E-A)
Waiting time until voltage detection circuit operation
starts (4)
—
—
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com