Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 44Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 45Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 46Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 47Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 48Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 49Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 50Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 51Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
R8C/36A Group
5. Electrical Characteristics
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 48 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Timing requirements
(Unless Otherwise Specified: VCC = 3 V, VSS = 0 V, Topr = 25
°C)
Figure 5.13
XIN Input and XCIN Input Timing Diagram when VCC = 3 V
Figure 5.14
TRAIO Input Timing Diagram when VCC = 3 V
Notes:
1. When using timer RF input capture mode, adjust the cycle time to (1/timer RF count source frequency × 3) or above.
2. When using timer RF input capture mode, adjust the pulse width to (1/timer RF count source frequency × 1.5) or above.
Figure 5.15
TRFI Input Timing Diagram when VCC = 3 V
Table 5.26
XIN Input, XCIN Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XIN)
XIN input cycle time
50
—
ns
tWH(XIN)
XIN input “H” width
24
—
ns
tWL(XIN)
XIN input “L” width
24
—
ns
tc(XCIN)
XCIN input cycle time
14
—
µs
tWH(XCIN)
XCIN input “H” width
7
—
µs
tWL(XCIN)
XCIN input “L” width
7
—
µs
Table 5.27
TRAIO Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRAIO)
TRAIO input cycle time
300
—
ns
tWH(TRAIO)
TRAIO input “H” width
120
—
ns
tWL(TRAIO)
TRAIO input “L” width
120
—
ns
Table 5.28
TRFI Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRFI)
TRFI input cycle time
1,200 (1)
—ns
tWH(TRFI)
TRFI input “H” width
600 (2)
—ns
tWL(TRFI)
TRFI input “L” width
600 (2)
—ns
XIN input
tWH(XIN)
tC(XIN)
tWL(XIN)
VCC = 3 V
TRAIO input
VCC = 3 V
tC(TRAIO)
tWL(TRAIO)
tWH(TRAIO)
tWH(TRFI)
tc(TRFI)
tWL(TRFI)
TRFI input
VCC = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com