Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 18Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 19Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 20Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 21Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 22Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 23Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 24Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 25Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
R8C/36A Group
4. Special Function Registers (SFRs)
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 22 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 4.8
SFR Information (8) (1)
X: Undefined
Note:
1. The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
01C0h
Address Match Interrupt Register 0
RMAD0
XXh
XXh
0000XXXXb
01C1h
01C2h
01C3h
Address Match Interrupt Enable Register 0
AIER0
00h
01C4h
Address Match Interrupt Register 1
RMAD1
XXh
XXh
0000XXXXb
01C5h
01C6h
01C7h
Address Match Interrupt Enable Register 1
AIER1
00h
01C8h
01C9h
01CAh
01CBh
01CCh
01CDh
01CEh
01CFh
01D0h
01D1h
01D2h
01D3h
01D4h
01D5h
01D6h
01D7h
01D8h
01D9h
01DAh
01DBh
01DCh
01DDh
01DEh
01DFh
01E0h
Pull-Up Control Register 0
PUR0
00h
01E1h
Pull-Up Control Register 1
PUR1
00h
01E2h
Pull-Up Control Register 2
PUR2
00h
01E3h
01E4h
01E5h
01E6h
01E7h
01E8h
01E9h
01EAh
01EBh
01ECh
01EDh
01EEh
01EFh
01F0h
Port P1 Drive Capacity Control Register
P1DRR
00h
01F1h
Port P2 Drive Capacity Control Register
P2DRR
00h
01F2h
Drive Capacity Control Register 0
DRR0
00h
01F3h
Drive Capacity Control Register 1
DRR1
00h
01F4h
Drive Capacity Control Register 2
DRR2
00h
01F5h
Input Threshold Control Register 0
VLT0
00h
01F6h
Input Threshold Control Register 1
VLT1
00h
01F7h
Input Threshold Control Register 2
VLT2
00h
01F8h
Comparator B Control Register 0
INTCMP
00h
01F9h
01FAh
External Input Enable Register 0
INTEN
00h
01FBh
External Input Enable Register 1
INTEN1
00h
01FCh
INT Input Filter Select Register 0
INTF
00h
01FDh
INT Input Filter Select Register 1
INTF1
00h
01FEh
Key Input Enable Register 0
KIEN
00h
01FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com