Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 37Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 38Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 39Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 40Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 41Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 42Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 43Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 44Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
R8C/36A Group
5. Electrical Characteristics
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 41 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Notes:
1. VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85°C (N version), unless otherwise specified.
2. 1tCYC = 1/f1(s)
Figure 5.7
I/O Timing of I2C bus Interface
Table 5.16
Timing Requirements of I2C bus Interface
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
tSCL
SCL input cycle time
12tCYC + 600 (2)
——
ns
tSCLH
SCL input “H” width
3tCYC + 300 (2)
——
ns
tSCLL
SCL input “L” width
5tCYC + 500 (2)
——
ns
tsf
SCL, SDA input fall time
—
—
300
ns
tSP
SCL, SDA input spike pulse rejection time
—
—
1tCYC (2)
ns
tBUF
SDA input bus-free time
5tCYC (2)
——
ns
tSTAH
Start condition input hold time
3tCYC (2)
——
ns
tSTAS
Retransmit start condition input setup time
3tCYC (2)
——
ns
tSTOP
Stop condition input setup time
3tCYC (2)
——
ns
tSDAS
Data input setup time
1tCYC + 40 (2)
——
ns
tSDAH
Data input hold time
10
—
—
ns
SDA
SCL
Notes:
1. Start condition
2. Stop condition
3. Retransmit start condition
tBUF
VIH
VIL
P (2)
S (1)
tSTAH
tSCLH
tSCLL
tSf
tSr
tSCL
tSDAH
Sr (3)
P (2)
tSDAS
tSTAS
tSP
tSTOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com